Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRB12B-AB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRB12B-AB
Description  Miniature PCB Process Sealed Rotaries
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRB12B-AB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRB12B-AB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRB12B-AB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRB12B-AB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRB12B-AB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRB12B-AB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature PCB Process Sealed Rotaries
Series MRB
TYPICAL SWITCH ORDERING EXAMPLE
B
POLES
1
SPDT
SP3T
2
DPDT
DP3T
2
CIRCUITS & INDEXING
2
ON
NONE
ON 90°
4
ON
ON
ON 45°
TERMINALS
B
Straight with Bracket
H
Right Angle with Bracket
1
B
Straight PC Terminals
with Bracket
TERMINALS
SPDT
MRB
H
Right Angle PC Terminals
with Bracket
DPDT
Pole
Model
Actuator Positions
Connected Terminals
Throw & Schematics
Position 1
Position 2
Position 3
Position 1
Position 2
Position 3
Note: Terminal numbers
are not actually on switch
SP
MRB12
ON
NONE
ON
C1-1
OPEN
C1-2
SPDT
MRB14
ON
ON
ON
C1-1
C1-2
C1-3
SP3T
DP
MRB22
ON
NONE
ON
C1-1 C2-4
OPEN
C1-2 C2-5
DPDT
MRB24
ON
ON
ON
C1-1 C2-4 C1-2 C2-5 C1-3 C2-6
DP3T
POLES & CIRCUITS
1
C1
2
1 2 3
C1
1
C1
2
4
5
C2
1 2 3 4 5 6
C1
C2
KNOBS
A
Plain Black
B
Small Color Tipped
C
Large Color Tipped
COLORS
For Plain Knob
No
Code
Black
For Color Tipped
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
A
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MRB12B-A
SPDT with
ON-NONE-ON Circuit
& 90° Indexing
Straight PC Terminals
with Bracket
Plain Black Knob


Similar Part No. - MRB12B-AB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRB12 VISHAY-MRB12 Datasheet
86Kb / 3P
   Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
logo
ETA-USA
MRB12SA-U ETA-USA-MRB12SA-U Datasheet
490Kb / 3P
   50 WATT AC-DC CONVERTER
MRB12SB-U ETA-USA-MRB12SB-U Datasheet
518Kb / 4P
   50 WATT AC-DC CONVERTER
More results

Similar Description - MRB12B-AB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
List of Unclassifed Man...
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
Nihon Kaiheiki Industry...
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
logo
List of Unclassifed Man...
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com