Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWM22RB1 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWM22RB1
Description  Internationally Approved TV Rated Rockers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWM22RB1 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWM22RB1 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RB1 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RB1 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RB1 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RB1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RB1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RB1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWM22RB1 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved TV Rated Rockers
Series JW
TERMINALS
CAP COLORS
Cap Material:
Polyphenelene Oxide
Finish: Matte
This switch assembly with connectors is not UL, C-UL, CSA, or VDE approved.
Rocker cap is an integral part of the switch and not available separately.
JWMW available with black or red caps only.
Black
Ivory
Red
Gray
Black
Ivory
Cap Colors
Available:
A
B
C
H
A
B
H
INSCRIPTIONS
Inscription for
Horizontal Mounting
DPST models without inscriptions
do not have VDE approval.
Inscription for
Vertical Mounting
The IEC symbols for On-Off are supplied with Single Throw models only.
Orientation of inscription must be selected.
Inscription Colors: Black ink on Ivory or Gray cap. White ink on Black or Red cap.
Contact factory for other inscriptions.
1
2
No Inscription
No Code
JWM & JWMW
Material: Polyamide
Finish: Matte
Colors Available:
JWMW panel seal models available in black housing only.
HOUSING
Gray
JWL
(7.5)
.295
Thk = (0.5)
.020
Epoxy Seal
(0.6) R
.024
(1.6)
.063
(2.8)
.110
(3.2)
.126
(7.5)
.295
Epoxy Seal
(0.65) R
.026
(1.5) R
.059
(4.75)
.187
Thk = (0.8)
.031
Solder Lug/.110” (2.8mm) Quick Connect
Solder Lug/.187” (4.75mm) Quick Connect


Similar Part No. - JWM22RB1

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWM22RB1A-A NKK-JWM22RB1A-A Datasheet
312Kb / 9P
   General Specifications
JWM22RB1A-A NKK-JWM22RB1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWM22RB1A-B NKK-JWM22RB1A-B Datasheet
312Kb / 9P
   General Specifications
JWM22RB1A-B NKK-JWM22RB1A-B Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWM22RB1A-H NKK-JWM22RB1A-H Datasheet
312Kb / 9P
   General Specifications
More results

Similar Description - JWM22RB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
   UL recognized, TV approved, CSA certified
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com