Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2B15BA5G13-B Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2B15BA5G13-B
Description  Process Sealed Miniature Pushbuttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2B15BA5G13-B Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2B15BA5G13-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2B15BA5G13-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2B15BA5G13-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2B15BA5G13-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2B15BA5G13-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2B15BA5G13-B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2B15BA5G13-B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Miniature Pushbuttons
Series M2
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note:
Terminal numbers are
not actually on the switch.
SP
M2B15
ON
(ON)
1-3
1-2
SPDT
DP
M2B25
ON
(ON)
1-3 4-6
1-2 4-5
DPDT
PLUNGERS
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
1A @ 125V AC & 1A @ 30V DC
Gold over Silver
POLES & CIRCUITS
A
G
A
CONTACT MATERIALS & RATINGS
For cap codes F & H
Material:
Chrome over brass
For cap codes B & C
Material:
Chrome over brass
Complete explanation of operating range in Supplement section.
Power Level
1A @ 125V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
.282” (7.16mm) Long
B
.307” (7.8mm) Long
BUSHING
.250” (6.35mm) Double Flatted
A5
(6.35)
.250
(6.2)
.244
(6.8)
.268
(5.2)
.205
4
6
1
3
2
5
(COM)
1
3
2
(COM)
(7.16)
.282
(2.84) Dia
.112
(3.0) Dia
.118
(3.0) Dia
.118
(7.8)
.307


Similar Part No. - M2B15BA5G13-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
More results

Similar Description - M2B15BA5G13-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
List of Unclassifed Man...
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com