Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDFC10H Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NDFC10H
Description  8mm Process Sealed DIP Rotaries
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NDFC10H Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  NDFC10H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NDFC10H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NDFC10H Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NDFC10H Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
11-07
8mm Process Sealed DIP Rotaries
Series ND
Distinctive Characteristics
Sealed construction prevents contact contamination and allows automated
soldering and cleaning. Sealed design accomplished with seals between
the actuator and housing and between housing and base.
Highly visible legends and choice of screwdriver or
shaft actuation to provide trouble-free code setting.
Detent mechanism designed for crisp,
positive action for accurate switch setting.
Bifurcated, spring loaded contacts give
unmatched logic-level reliability.
Heat tolerant resin used for body meets UL
flammability rating of 94V-0 and maintains
switch reliability through automated soldering
process.
Crimped terminals ensure secure PC mounting
and prevent dislodging during soldering.
.100” (2.54mm) terminal grid spacing between pin centers,
plus 3-by-3 terminal arrangement for footprint pattern equivalent
to industry standard.
Epoxy sealed terminals lock out flux, solvents, and other contaminants.
Actual Size


Similar Part No. - NDFC10H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
148Kb / 10P
   N-Channel Power MOSFET
January, 2014 ??Rev. 8
logo
Inchange Semiconductor ...
NDF02N60Z ISC-NDF02N60Z Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDF02N60ZG ONSEMI-NDF02N60ZG Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
More results

Similar Description - NDFC10H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
List of Unclassifed Man...
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
   10mm DIP Rotaries
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
   10mm Ultra-Thin SMT DIP Rotaries
logo
Tyco Electronics
2-1437584-1 MACOM-2-1437584-1 Datasheet
116Kb / 2P
   Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
DRD-E MACOM-DRD-E Datasheet
116Kb / 2P
   Rotary Dip Switches, Process Sealed, Through Hole and Surface Mount
logo
C&K Components
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com