Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS13LFW01F Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MS13LFW01F
Description  Miniature Slides
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS13LFW01F Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS13LFW01F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS13LFW01F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS13LFW01F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS13LFW01F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
07-07
Miniature Slides
Series MS
Distinctive Characteristics
Bright, LED illumination at top of actuator.
Over-center actuator block and plunger design gives crisp
actuation, diminishes sparking, and increases operating life.
Guide interlocked with actuator block prevents
window locking and maintains correct plunger
alignment to assure contact stability.
Antijamming design protects contacts from
damage due to excessive downward force
on the actuator.
High internal barriers between poles and
insulating sheet between case and actuator
block give added protection to contacts.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Epoxy sealed terminals prevent entry of flux, solvents,
and other contaminants.
Clinching of frame to case well above base and terminals provides
1,500V dielectric strength.
Actual Size


Similar Part No. - MS13LFW01F

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MS13 KISEMICONDUCTOR-MS13 Datasheet
5Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
EMP-Centauri s.r.o.
MS1310ECP-4 EMP-CENTAURI-MS1310ECP-4 Datasheet
529Kb / 1P
   Multiswitch 13in / 10out
MS1310ECU-4 EMP-CENTAURI-MS1310ECU-4 Datasheet
185Kb / 2P
   Multiswitch 13in / 10out
MS1310NEU-4 EMP-CENTAURI-MS1310NEU-4 Datasheet
550Kb / 1P
   EoC Multiswitch 13in / 10out
MS1312ECP-12 EMP-CENTAURI-MS1312ECP-12 Datasheet
574Kb / 1P
   Multiswitch 13in / 12out
More results

Similar Description - MS13LFW01F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MS12AFW NKK-MS12AFW Datasheet
256Kb / 7P
   Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
   Ultra-Miniature Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
   Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
   Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
   Ultra-Miniature SMT Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
   Miniature Power Rated Slides
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
   Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
   Ultra-Miniature SMT DIP Slides
AS11AP NKK-AS11AP Datasheet
198Kb / 5P
   Subminiature Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
   General Devices ChassisTrak Slides
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com