Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP0215ANBKG03CF-3FJB Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KP0215ANBKG03CF-3FJB
Description  Miniature Audio/Video Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KP0215ANBKG03CF-3FJB Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  KP0215ANBKG03CF-3FJB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANBKG03CF-3FJB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANBKG03CF-3FJB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANBKG03CF-3FJB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANBKG03CF-3FJB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANBKG03CF-3FJB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANBKG03CF-3FJB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANBKG03CF-3FJB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KP0215ANBKG03CF-3FJB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Audio/Video Pushbuttons
Series KP
Distinctive Characteristics
Actual Size
KP series offers a complete switch solution for all broadcast panel needs,
including home keys and the custom rectangular switch/cap assembly.
Distinct, long total travel of .177” (4.5mm) for KP01 or shorter stroke
of .138 (3.5mm) for KP02.
Available with red/green bicolor LED and custom RGB LEDs.
The RGB LED full color spectrum in a switch package provides
unlimited color combinations.
Specially designed snap-in standoff for simple and
secure PC board mounting and alignment.
Unique actuation guide gives positive indication
of circuit transfer as well as smooth and silent
operation. (Patent pending).
Choices of tactile, nontactile or tactile/audible
actuation.
Compact design with height of .906” (23.0mm)
from PC board to top of cap. (Same height as
IS series programmable SmartSwitch™.)
Flat, sculptured or home key square caps in three
common sizes for design flexibility in audio/video
applications.
Twin contacts with gold plating assure high reliability
and long life of 5,000,000 operations minimum.
Epoxy sealed terminals to lock out flux, dust, and other
contaminants, plus standard PCB spacing of .100” (2.54mm).


Similar Part No. - KP0215ANBKG03CF-3FJB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0215ANBKG03 NKK-KP0215ANBKG03 Datasheet
1Mb / 8P
   General Specifications
KP0215ANBKG03 NKK-KP0215ANBKG03 Datasheet
363Kb / 12P
   General Specifications
KP0215ANBKG036CF-1FJB NKK-KP0215ANBKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ANBKG036CF-1SJB NKK-KP0215ANBKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0215ANBKG036CF-2FJB NKK-KP0215ANBKG036CF-2FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP0215ANBKG03CF-3FJB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com