Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWM12RA1 Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWM12RA1
Description  Internationally Approved TV Rated Rockers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWM12RA1 Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWM12RA1 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWM12RA1 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWM12RA1 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWM12RA1 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWM12RA1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWM12RA1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWM12RA1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWM12RA1 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved TV Rated Rockers
Series JW
TYPICAL SWITCH DIMENSIONS
JWMW
JWM11RC1A
JWMW22RCA
TV-5 With Barrier • 10 Amp
Single & Double Pole
Panel Seal • TV-5 No Barrier • 10 Amp
Single & Double Pole
JWM11BCA-H
TV-5 No Barrier • 10 Amp
Single & Double Pole
JWM
(15.4)
.606
(25.0)
.984
(15.4)
.606
(24.0)
.945
Panel Thickness Range
Without Barrier (JWM & JWMW):
.039” ~ .157” (1.0mm ~ 4.0mm)
With Barrier (JWM):
.024” ~ .126” (0.6mm ~ 3.2mm)
PANEL CUTOUTS FOR JWM MODELS
Single pole double throw models do not have terminals 2a, 2, & 2b; single throw models do not have 1a & 2a.
COM
COM
2
2b
2a
1b
1
1a
(15.0)
.591
(6.2)
.244
(15.4)
.606
(2.8) Typ
.110
(29.6)
1.165
(7.7) Typ
.303
(7.5)
.295
(22.6)
.890
26
°
(16.4)
.646
(7.0)
.276
(3.0)
.118
(21.5)
.846
(0.5) Typ
.020
(19.6)
.772
Part No.
(13.6)
.535
(21.0)
.827
COM
COM
2
2b
2a
1b
1
1a
(6.2)
.244
(15.4)
.606
(2.8) Typ
.110
(30.0)
1.181
(15.0)
.591
(7.7) Typ
.303
(25.0)
.984
(22.6)
.890
(0.5) Typ
.020
(7.2)
.283
(18.9)
.744
(7.5)
.295
(19.6)
.772
(13.6)
.535 (18.0)
.709
(22.2)
.874
Part No.
(19.6)
.772
Part No.
(13.6)
.535
(18.0)
.709
(7.7) Typ
.303
(7.5)
.295
(22.6)
.890
26
°
(16.4)
.646
(6.0)
.236
(2.0)
.079
(21.5)
.846
(0.5) Typ
.020
COM
COM
2
2b
2a
1b
1
1a
(15.0)
.591
(27.0)
1.063
(6.2)
.244
(15.4)
.606
(2.8) Typ
.110


Similar Part No. - JWM12RA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWM12RA1A-A ETC2-JWM12RA1A-A Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
logo
Nihon Kaiheiki Industry...
JWM12RA1A-A NKK-JWM12RA1A-A Datasheet
312Kb / 9P
   General Specifications
JWM12RA1A-A NKK-JWM12RA1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
List of Unclassifed Man...
JWM12RA1A-B ETC2-JWM12RA1A-B Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
logo
Nihon Kaiheiki Industry...
JWM12RA1A-B NKK-JWM12RA1A-B Datasheet
312Kb / 9P
   General Specifications
More results

Similar Description - JWM12RA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
   UL recognized, TV approved, CSA certified
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com