Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2461A2G13 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2461A2G13
Description  Snap-Action Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2461A2G13 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2461A2G13 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2461A2G13 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2461A2G13 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2461A2G13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2461A2G13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2461A2G13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2461A2G13 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2461A2G13 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Snap-Action Bracket PC Mount
Series MB2400
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
3A @ 125V AC
Gold over Silver
G
CONTACT MATERIALS & RATINGS
Note: Complete explanation of operating range in Supplement section.
Power Level
3A @ 125V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
CAPS & CAP COLORS
F
AT475
.201” (5.1mm)
Diameter Cap
AT496
.295” (7.5mm)
Diameter Cap
H
Cap Colors
Available:
A
B
C
Black
White
Red
Material: Polyamide
Finish: Glossy
Material: Polyamide
Finish: Glossy
TERMINALS
.250”
(6.35mm)
Terminal w/.465”
(11.8mm) Bracket
13
.964”
(24.5mm)
Terminal w/1.150”
(29.2mm) Bracket
17
.250”
(6.35mm)
Terminal w/.465”
(11.8mm) Bracket
23
.425”
(10.8mm)
Terminal w/.630”
(16.0mm) Bracket
25
.425”
(10.8mm)
Terminal w/.630”
(16.0mm) Bracket
15
PCB footprints are on the following Typical Switch Dimension pages.
(5.1) Dia
.201
(4.0)
.157
(6.4)
.253
(7.5) Dia
.295
(4.0)
.157
(6.4)
.253
A
.750”
(19.05mm)
Terminal w/.953”
(24.2mm) Bracket
26
Right Angle PC
30
Right Angle PCB w/Reverse Circuit
Available only in single pole with
0.4VA rating (code G)
32
Vertical PC
40
Straight PC Mount with Bracket
Straight PC Mount with Reinforced Bracket


Similar Part No. - MB2461A2G13

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2461A2G01 NKK-MB2461A2G01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2461A2G03 NKK-MB2461A2G03 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2461A2G05 NKK-MB2461A2G05 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2461A2G06 NKK-MB2461A2G06 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2461A2G07 NKK-MB2461A2G07 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
More results

Similar Description - MB2461A2G13

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com