Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2023TNW Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2023TNW
Description  Miniature Rockers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2023TNW Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2023TNW Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2023TNW Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2023TNW Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2023TNW Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2023TNW Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2023TNW Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2023TNW Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2023TNW Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2023TNW Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Rockers
Series M
Distinctive Characteristics
Three methods of panel mounting: flat frame for flush with face or subpanel,
snap-in, and PCB.
High insulating barriers increase isolation of circuits in multipole devices
and provide added protection to contact points.
The molded diallyl phthalate case has a UL 94V-0
flammability rating.
Epoxy sealed terminals prevent entry of solder flux
and other contaminants.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Bias guard prevents misalignment of contacts;
interlocking of actuator block with rocker and
internal guide does not allow transmission of
diagonal force on rocker to reach contact
mechanism.
Clinching of the frame to the case well above the base and
terminals provides 1,500V dielectric strength.
Actual Size


Similar Part No. - M2023TNW

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2023TJA01-FA NKK-M2023TJA01-FA Datasheet
2Mb / 29P
   General Specifications
M2023TJA01-FB NKK-M2023TJA01-FB Datasheet
2Mb / 29P
   General Specifications
M2023TJA01-FC NKK-M2023TJA01-FC Datasheet
2Mb / 29P
   General Specifications
M2023TJA01-FE NKK-M2023TJA01-FE Datasheet
2Mb / 29P
   General Specifications
M2023TJA01-GA NKK-M2023TJA01-GA Datasheet
2Mb / 29P
   General Specifications
More results

Similar Description - M2023TNW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
CWSA11AANS NKK-CWSA11AANS Datasheet
266Kb / 6P
   Miniature Power Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
   Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com