Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2061SB1W01 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2061SB1W01
Description  Miniature Pushbuttons
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2061SB1W01 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2061SB1W01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2061SB1W01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2061SB1W01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2061SB1W01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2061SB1W01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2061SB1W01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2061SB1W01 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2061SB1W01 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2061SB1W01 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Large Bushing Miniature Pushbuttons
Series MB2000
11
10
12
7
9
4
6
1
3
2
5
8
(COM)
(1.85)
.073
(1.1)
.043
(5.0)
.197
.472” (12.0mm) Diameter
Threaded with Keyway
BUSHINGS
B1
.472” (12.0mm) Diameter
Threaded Splashproof
B3
Maximum Panel
Thickness with
Standard Hardware:
.217” (5.5mm)
Panel Cutouts
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
G
CONTACT MATERIALS & RATINGS
Note: Complete explanation of operating range in Supplement section.
For B1 Bushing
with Keyway
For B1 Bushing
with Optional
Locking Ring
For B3 Bushing
without Keyway
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are
not actually on the switch.
SP
MB2011
MB2065
ON
ON
(ON)
ON
2-3
2-1
SPDT
DP
MB2061
MB2085
ON
ON
(ON)
ON
2-3 5-6
2-1 5-4
DPDT
4P
MB2181
MB2185
ON
ON
(ON)
ON
2-3 5-6
8-9 11-12
2-1 5-4
8-7 11-10
4PDT
POLES & CIRCUITS
Keyway
Keyway
PLUNGER TYPE
Plunger for
Screw-on Caps
Plunger is plastic
for B1 bushing.
S
2 (COM)
1
3
4
6
1
3
2
5
(COM)
Plunger is metal for
B3 bushing.
On alternate action models, after
transferring circuit, the plunger
returns to its original position,
and does not latch down.
Maximum Panel
Thickness with
Standard Hardware:
.217” (5.5mm)
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(12.5) Dia
.492
(12.0)
.472
M12P1
(12.0)
.472
(2.0)
.079
M12P1
(18.0) Dia
.709
(4.9)
.193
(5.3)
.208
(6.4) Dia
.252
(6.7) Dia
.264
(5.3)
.208


Similar Part No. - MB2061SB1W01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2061SD1A NKK-MB2061SD1A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2061SD1G NKK-MB2061SD1G Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2061SD1W NKK-MB2061SD1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2061SD3A NKK-MB2061SD3A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2061SD3G NKK-MB2061SD3G Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results

Similar Description - MB2061SB1W01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com