Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP0115CCKW015CB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LP0115CCKW015CB
Description  Short Body Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LP0115CCKW015CB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  LP0115CCKW015CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW015CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW015CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW015CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW015CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW015CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series LP01
Short Body Pushbuttons
www.nkk.com
D69
D
MOUNTING TYPES
C
M
Bushing
.630” (16.0mm) Diameter
This mounting option is supplied
with a brass hexagon nut with nickel plating.
Snap-in
.669” (17.0mm) Diameter
K
HOUSING
Black
Housing available in black only. The one-piece body and bezel have a matte finish.
Recommended
Panel Thickness:
.079” ~ .256”
(2.0mm ~ 6.5mm)
Recommended
Panel Thickness:
.039” ~ .126”
(1.0mm ~ 3.2mm)
Allow .984” (25.0mm) distance from center-to-center
between switches when mounted side-by-side.
Allow .827” (21.0mm) distance from center-to-center
between switches when mounted side-by-side.
W01
CONTACT MATERIALS, RATINGS, & TERMINALS
Silver
Power Level
Solder Lug/
.110” (2.8mm) Quick Connect
3A @ 125V AC/250V AC; 3A @ 30V DC
(7.3)
.287
Epoxy Seal
(2.8)
.110
(1.2)
.047
(2.0)
.079
Thk = (0.5)
.020
(0.6) R
.024
(16.0)
Dia
.630
(1.7)
.067
(7.5)
.295
(25.0) Min
.984
+ 0.2
– 0.0
+ 0.0
– 0.1
+ 0.1
– 0.0
(1.1)
R
.043
(17.3)
Dia
.681
(18.1)
.713
(21.0) Min
.827
+ 0.2
– 0.0
+ 0.2
– 0.0
+ 0.2
– 0.0
Note: If used at 1A @ 125V AC/250V AC or 1A @ 30V DC,
electrical life will be 100,000 operations minimum.
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires external power source. Polarity marks are on the switch.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
LEDs are an
integral part
of the switch
and are not
available
separately.
Colors
Red
Amber
Green
Forward Peak Current
I
FM
30mA
30mA
30mA
Continuous Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.95V
2.0V
2.1V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.41mA/°C
0.29mA/°C
0.39mA/°C
Ambient Temperature Range
–10°C ~ +50°C
5D
5F
5C
Single Color LED with 1 Element
(+)
(-)
No Code
No Lamp


Similar Part No. - LP0115CCKW015CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
325Kb / 6P
   General Specifications
More results

Similar Description - LP0115CCKW015CB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB15SKW01 NKK-YB15SKW01 Datasheet
294Kb / 8P
   Short Body Pushbuttons
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com