Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP0115CCKW01A Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LP0115CCKW01A
Description  Short Body Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LP0115CCKW01A Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  LP0115CCKW01A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LP0115CCKW01A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Short Body Pushbuttons
Series LP01
Distinctive Characteristics
Environmentally friendly components and packaging materials meet RoHS Directive
restricting use of hazardous materials. Suited for lead-free soldering because of
heat resistant resin materials.
Smooth, slightly concave surface of cap designed to fit fingertip.
Unique design and construction of cap prevents its
removal and limits tampering.
Short body of .551” (14.0mm) conserves
behind-panel space.
Combination solder lug and .110” quick
connect terminals are epoxy sealed to lock
out flux, dust, solvents, and other contaminants.
Crisp actuation and clear circuit status provided by
snap-action contact mechanism. Arc barrier between
movable contacts protects against crossover.
Illuminated models available and shown in the Illuminated
Pushbutton section.
Actual Size


Similar Part No. - LP0115CCKW01A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
208Kb / 6P
   Short Body Pushbuttons
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
325Kb / 6P
   General Specifications
More results

Similar Description - LP0115CCKW01A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB15SKW01 NKK-YB15SKW01 Datasheet
294Kb / 8P
   Short Body Pushbuttons
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
206Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com