Electronic Components Datasheet Search |
|
KP0115ACBKG03RGB-3SJB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
KP0115ACBKG03RGB-3SJB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
4 / 9 page NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Miniature Audio/Video Pushbuttons Series KP Plunger Position ( ) = Momentary Connected Terminals Throw & Switch Schematic Pole Model Normal Down Normal Down Note: Switch terminals “1” & “1a” are actually marked on the switch. SP KP0115A KP0215A OFF (ON) Normally Open 1-1a SPST POLE & CIRCUIT ACTUATION C Tactile KP01 or KP02 Gold Contacts Straight PC Terminals 100mA @ 12V DC G03 Black only K N Nontactile KP01 or KP02 HOUSING CONTACTS, TERMINALS, & RATING BICOLOR LED SPECIFICATIONS Amber can be achieved by simultaneous illumination of Red & Green. Tactile/Audible KP02 only S The electrical specifications shown are determined at a basic temperature of 25°C. Attention Electrostatic Sensitive Devices Red Green Unit Minimum Luminous Intensity I V 30 50 mcd Standard Luminous Intensity I V 60 115 mcd Forward Peak Current I FM 30 (25 for amber) 25 (22 for amber) mA Continuous Forward Current I F 20 20 mA Forward Voltage V F 2.1 3.5 V Power Peak Dissipation P D 75 100 mW Reverse Peak Voltage V RM 4 4 V Wavelength at Peak Emission λ 619 ~ 630 520 ~ 535 nm Current Reduction Rate Above 25°C ∆I F 0.38 0.32 mA/°C Ambient Temperature Range –25 ~ +50 °C CF Colors (+) COM Red Green (–) L2 (–) L1 LEDs are an integral part of the switch and are not avail- able separately. LED circuit is isolated and requires an external power source. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. 1 (COM) 1a |
Similar Part No. - KP0115ACBKG03RGB-3SJB |
|
Similar Description - KP0115ACBKG03RGB-3SJB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |