Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWMW11BC Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWMW11BC
Description  Internationally Approved TV Rated Rockers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWMW11BC Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWMW11BC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWMW11BC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWMW11BC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWMW11BC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWMW11BC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWMW11BC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWMW11BC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWMW11BC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved TV Rated Rockers
Series JW
BARRIER COLORS
A
Black
B
Ivory
H
Gray
HOUSING COLORS
A
Black
B
Ivory
H
Gray
Note: JWMW avail-
able with black only.
TYPICAL SWITCH ORDERING EXAMPLE
1
R
JW
Black Housing
DPST
ON-NONE-OFF Circuit
CIRCUITS
1
ON
NONE
OFF
2
ON
NONE
ON
BARRIER TYPES
R
No Barrier
B
With Barrier
Note: JWMW combines
with code R only.
2
IMPORTANT:
Standard markings: TV Rating, UL,
C-UL, CSA, & VDE.
Specific models & ratings for
international approvals noted on
General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JWL21RC2A
Red Rocker Cap
with International ON-OFF Symbols
in Vertical Orientation
C
RATINGS
M
TV-5 Rated
10A @ 125/250V AC
MW Panel Seal TV-5 Rated
10A @ 125/250V AC
L
TV-8 Rated
16A @ 125/250V AC
CAP COLORS
A
Black
B
Ivory
C
Red
H
Gray
Note: JWMW available
with black or red only.
POLES
1
SPST
SPDT
2
* DPST
DPDT
* DPST must have interna-
tional ON-OFF symbols
for VDE approval.
TV-8 Rated
16A @ 125/250V AC
2
A
INSCRIPTION
ORIENTATION
No
Code No Inscription
1
Horizontal
2
Vertical
These are inscriptions for
Single Throw models only.
L


Similar Part No. - JWMW11BC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWMW11BC1A-A NKK-JWMW11BC1A-A Datasheet
312Kb / 9P
   General Specifications
JWMW11BC1A-A NKK-JWMW11BC1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWMW11BC1A-B NKK-JWMW11BC1A-B Datasheet
312Kb / 9P
   General Specifications
JWMW11BC1A-B NKK-JWMW11BC1A-B Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWMW11BC1A-H NKK-JWMW11BC1A-H Datasheet
312Kb / 9P
   General Specifications
More results

Similar Description - JWMW11BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
   UL recognized, TV approved, CSA certified
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com