Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB15SKW01B Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB15SKW01B
Description  Miniature Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB15SKW01B Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB15SKW01B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB15SKW01B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB15SKW01B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB15SKW01B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB15SKW01B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB15SKW01B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB15SKW01B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB15SKW01B Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB15SKW01B Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Pushbuttons
Series KB
CONTACT MATERIALS, RATINGS & TERMINALS
Silver Contacts
Gold Contacts
Complete explanation of operating range in Supplement section.
W
G
Power Level
1A @ 125V AC & 250V AC
Logic Level
0.4VA maximum @ 28V AC/DC
01
Solder Lug
(5.0)
.197
(1.8)
.071
(1.0)
.039
(2.0)
.079
Thk = (0.2)
.008
Com = (0.1)
.005
A partitioned plastic guard is supplied with each switch to provide insulation between terminals.
Installation steps:
1. Identify wire-to-terminal connections.
2. Thread wires through the guard.
3. Solder the connections.
4. Push the guard fully onto the switch body.
(17.0)
.669
(14.0) Dia
.551
(12.4) Dia
.488
CAPS & CAP COLORS
BB
Colors Available:
CC
EB
FF
AT485
Square
A
GG
Material: Polycarbonate
Finish: Glossy
AT486
Round
AT4021
Rectangular
(11.6) Sq
.457
(6.2)
.244
(4.5)
.177
(11.6) Dia
.457
(6.2)
.244
(4.5)
.177
(6.3)
.248
(4.5)
.177
(16.1)
.634
(11.6)
.457
HOUSING
K
Housing available in black only. Bezel or barrier is an integral part of the switch body.
Black (Not available in
Rectangular)
White/White
Red/Red
Yellow/White
Green/Green
Blue/Blue
BARRIER TYPE
No Code
No Barrier
Built-in bezel
B
With Barrier
Built-in barrier only available for square and rectangular
AT055 Crossover Guard
Material: Polypropylene


Similar Part No. - KB15SKW01B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB15SKW01B-05-A NKK-KB15SKW01B-05-A Datasheet
433Kb / 14P
   General Specifications
KB15SKW01B-05-BB NKK-KB15SKW01B-05-BB Datasheet
433Kb / 14P
   General Specifications
KB15SKW01B-05-CB NKK-KB15SKW01B-05-CB Datasheet
433Kb / 14P
   General Specifications
KB15SKW01B-05-CC NKK-KB15SKW01B-05-CC Datasheet
433Kb / 14P
   General Specifications
KB15SKW01B-05-EB NKK-KB15SKW01B-05-EB Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB15SKW01B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com