Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM7487 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TM7487
Description  RF AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TM7487 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TM7487 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5-350 MHz
10-300 MHz
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point....... +36 dBm (Typ.)
Second Order Two Tone Intercept Point........ +30 dBm (Typ.)
Third Order Two Tone Intercept Point............ +22 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+5
+5 Min.
m A
13
14.5 Max.
RF AMPLIFIER
MODEL
TM7487
Available as:
TM7487, 4 Pin TO-8 (T4)
TN7487, 4 Pin Surface Mount (SM3)
FP7487, 4 Pin Flatpack (FP4)
BX7487,Connectorized Housing (H1)
Features
!
!
!
!
! Low Noise Figure: 3 dB Typical
!
!
!
!
! Low Power Dissipation: 65 mW @ +5 Volts
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
3
4.0 Max.
VSWR
In
<1.5:1
2.0:1 Max.
Out
<1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-20
-19 Max.
Power @ 1 dB
Comp. (dBm)
+8
+7.0 Min.
Gain (dB)
15.5
14.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ........................................................... + 8 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
7/6/04
2.0
1.5
1.0
3.0
2.0
1.0
1
5
4
3
2
17
15
13
+12
+10
+ 8
+ 6
+ 4
0
- 10
- 20
- 30
- 40
14
16
Start 5 MHz
Stop 350 MHz
Start 5 MHz
Stop 350 MHz
Start 5 MHz
Stop 350 MHz
Start 5 MHz
Stop 350 MHz
Start 5 MHz
Stop 350 MHz
Start 5 MHz
Stop 350 MHz
Gain (dB)
1 dB Comp. (dBm)
Reverse Isolation (dB)
Input VSWR
Noise Figure (dB)
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM7487

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM7487 APITECH-TM7487 Datasheet
80Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - TM7487

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com