Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP0115ANAKG03CF-2FJB Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KP0115ANAKG03CF-2FJB
Description  Miniature Audio/Video Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KP0115ANAKG03CF-2FJB Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  KP0115ANAKG03CF-2FJB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANAKG03CF-2FJB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANAKG03CF-2FJB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANAKG03CF-2FJB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANAKG03CF-2FJB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANAKG03CF-2FJB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANAKG03CF-2FJB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANAKG03CF-2FJB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KP0115ANAKG03CF-2FJB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Audio/Video Pushbuttons
Series KP
CUSTOM RECTANGULAR CAP ASSEMBLY
Switch/Rectangular Cap Assembly
LED Holder
The electrical specifications shown are
determined at a basic temperature of 25°C.
Center LED is an integral part of the switch.
LEDs are not sold separately.
LED circuits are isolated and require an
external power source.
If the source voltage exceeds the rated
voltage, a ballast resistor is required.
The resistor value can be calculated by us-
ing the formula in the Supplement Section.
Red
Unit
Forward Peak Current
I
FM
30
mA
Continuous Forward Current
I
F
20
mA
Forward Voltage
V
F
2.0
V
Reverse Peak Voltage
V
RM
4
V
Dominant Wavelength
λ
d
623
nm
Current Reduction Rate Above 25°C
∆I
F
0.32
mA/°C
Ambient Temperature Range
–25 ~ +50
°C
Color
LED
Switch/Rectangular Cap assembly has 3 LEDs
to achieve bright and even illumination.
One LED (in center of switch bottom) is an
integral part of the switch; the other 2 LEDs
and 2 LED Holders are packaged separately.
ASSEMBLY & INSTALLATION INSTRUCTIONS
(12.7)
.500
(3.1)
.122
Dia
(2.54)
.100
Cathode
(4.8)
.189
(5.9)
.232
(10.4)
.409
(6.7)
.264
(+)
(-)
KP0115ACBKG03CJB for Tactile
KP0115ANBKG03CJB for Nontactile
Install LED into LED Holder
(quantity 2).
Solder LEDs and LED Holders
into PCB.
Solder switch into PCB making
sure that the two outer LEDs
and LED Holders clear the bot-
tom side opening of the cap.
1
2
3
(17.4)
.685
(34.8)
1.370
PCB
LED Holder
LED
Switch
.500
(12.7)
(4.5)
.177
1
.300
(7.62)
1a
(22.86)
.900
(2.54)
.100
(2.54)
.100
.500
(12.7)
(1.3) Dia Typ
.051
(0.8) Dia Typ
.031
(0.9) Dia Typ
.035
L–
L+
Footprint
Typ
.018
(0.45) Sq
(0.6)
.024
Sq
(15.0)
.591
(12.7)
.500
1a
(4.5)
.177
1
(7.62)
.300
(0.3)
.012
L+
L–
.500
.276
(7.0)
(23.0)
.906
(6.0)
.236
.100
(2.54)
(12.7)
(3.6)
.142
See below for complete assembly of switch, LEDs and LED holders.
Contact factory for other LED colors.
LED SPECIFICATIONS
CAP ASSEMBLY DIMENSIONS


Similar Part No. - KP0115ANAKG03CF-2FJB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0115ANAKG03 NKK-KP0115ANAKG03 Datasheet
1Mb / 8P
   General Specifications
KP0115ANAKG03 NKK-KP0115ANAKG03 Datasheet
363Kb / 12P
   General Specifications
KP0115ANAKG036CF-1FJB NKK-KP0115ANAKG036CF-1FJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0115ANAKG036CF-1SJB NKK-KP0115ANAKG036CF-1SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
KP0115ANAKG036CF-1TJB NKK-KP0115ANAKG036CF-1TJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
More results

Similar Description - KP0115ANAKG03CF-2FJB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com