Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWL22BA Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWL22BA
Description  Internationally Approved TV Rated Rockers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWL22BA Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWL22BA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWL22BA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWL22BA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWL22BA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWL22BA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWL22BA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWL22BA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWL22BA Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved TV Rated Rockers
Series JW
TYPICAL SWITCH DIMENSIONS
PANEL CUTOUT FOR JWL MODELS
JWL21RC2A
Single pole double throw models do not have terminals 2a, 2, & 2b; single throw models do not have 1a & 2a.
TV-8 With Barrier • 16 Amp
Single & Double Pole
JWL11BCA-H
Single pole double throw models do not have terminals 2a, 2, & 2b; single throw models do not have 1a & 2a.
TV-8 No Barrier • 16 Amp
Single & Double Pole
Panel Thickness Range
(20.5)
.807
(29.5)
1.161
Without Barrier:
.039” ~ .157” (1.0mm ~ 4.0mm)
With Barrier:
.024” ~ .126” (0.6mm ~ 3.2mm)
COM
COM
2
2b
2a
1b
1
1a
(35.0)
1.378
(20.0)
.787
(9.0)
.354
(20.5)
.807
(4.75) Typ
.187
(28.0)
1.102
(9.8) Typ
.386
(21.4)
.843
(29.0)
1.142
(0.8) Typ
.031
(7.5)
.295
(8.15)
.321
(24.4)
.961
(17.6)
.693
(23.0)
.906
(27.2)
1.071
Part No.
COM
COM
2
2b
2a
1b
1
1a
(32.0)
1.260
(20.0)
.787
(4.75) Typ
.187
(9.0)
.354
(20.5)
.807
(28.0)
1.102
(7.0)
.276
(9.8) Typ
.386
26
°
(20.2)
.795
(24.0)
.945
(2.0)
.079
(7.5)
.295
(0.8) Typ
.031
(24.4)
.961
Part No.
(17.6)
.693
(23.0)
.906


Similar Part No. - JWL22BA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWL22BA1A-A NKK-JWL22BA1A-A Datasheet
312Kb / 9P
   General Specifications
JWL22BA1A-A NKK-JWL22BA1A-A Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWL22BA1A-B NKK-JWL22BA1A-B Datasheet
312Kb / 9P
   General Specifications
JWL22BA1A-B NKK-JWL22BA1A-B Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
JWL22BA1A-H NKK-JWL22BA1A-H Datasheet
312Kb / 9P
   General Specifications
More results

Similar Description - JWL22BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
logo
List of Unclassifed Man...
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW152415 ETC2-ZUW152415 Datasheet
136Kb / 3P
   UL recognized, TV approved, CSA certified
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com