Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6101X382XX Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML6101X382XX
Description  Voltage Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6101X382XX Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML6101X382XX Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6101X382XX Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6101X382XX Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6101X382XX Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6101X382XX Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6101X382XX Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6101X382XX Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6101X382XX Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6101X382XX Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P2/11
Rev. A, June 2005
ML6101
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max Units
VMON = 1.1V to 1.9V
X0.97
VMON
X1.03
V
Monitor Voltage
VMON
VMON = 2.0V to 6.0V
X0.98
VMON
X1.02
V
VMON = 1.1V to 2.9V
X0.04
VMON
X0.05
X0.06
V
Hysteresis Range
VHYS
VMON = 3.0V to 6.0V
X0.015 VMON X0.025 X0.035
V
VIN = 1.0V
0.8
2.0
VIN = 2.0V
1.0
2.5
VIN = 3.0V
1.3
3.0
VIN = 4.0V
1.6
3.5
Supply Current
ISS
VIN = 5.0V
2.0
4.0
uA
Operating Voltage
VIN
VDF = 1.1~6.0V
0.8
10.0
V
Nch
VDS = 0.5V
VIN = 1.0V
1.0
VIN = 2.0V
3.0
VIN = 3.0V
5.0
VIN = 4.0V
11.0
VIN = 5.0V
13.0
Pch
VDS = 2.1V
VIN = 8.0V
-10.0
Output Current
IOUT
(CMOS Output)
mA
Transient Delay Time
(VDR -> VOUT Inversion)
tDLY
While VIN changes from
0.6V to 10V
0.2
ms


Similar Part No. - ML6101X382XX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML6101A MITSUBISHI-ML6101A Datasheet
273Kb / 8P
   AIGaAs Laser Diodes emitting light beams around 780nm wavelength
More results

Similar Description - ML6101X382XX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88042 INTERSIL-ISL88042 Datasheet
301Kb / 8P
   Quadruple Voltage Monitor
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Intersil Corporation
ISL88031 INTERSIL-ISL88031 Datasheet
201Kb / 8P
   Quintuple Voltage Monitor
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com