Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JF15CP1H Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JF15CP1H
Description  Ultra-Thin Process Sealed Tactiles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JF15CP1H Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  JF15CP1H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JF15CP1H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JF15CP1H Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JF15CP1H Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JF15CP1H Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JF15CP1H Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Thin Process Sealed Tactiles
Series JF
Distinctive Characteristics
Extremely low profile of 5mm from PCB to top of switch.
Rubber seal construction prevents contact contamination
and allows automated soldering and cleaning.
Minimal operating force and short stroke permit light
touch operation.
Dome contact gives crisp tactile and audible feedback
to positively indicate circuit transfer and assures high
reliability and long life.
Wide choice of body shapes and colors.
Crimped terminals provide a spring type action to ensure
secure mounting and prevent dislodging during wave soldering.
Space saving body dimensions provide for compact, side-by-side mounting
on a standard grid.
Terminal spacing conforms to standard .100” (2.54mm) PCB grid.
Actual Size
KEYBOARD MATRIX
Common Bus Matrix
X-Y Matrix
1
2
3
6
5
4
7
8
9
B
0
A
9
13
10
6
11
8
12
7
2
1
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7 8 9 10 11 12 13
= ON
P C Te r m i n a t i o n s
1
2
3
6
5
4
7
8
9
B
0
A
1
2
6
7
3
4
5
1
2
3
4
5
6
7
8
9
0
A
B
1 2 3 4 5 6 7
= ON
PC Terminations
Blue = PCB Trace, Black = Switch Circuit
Blue = PCB Trace, Black = Switch Circuit
These single pole, single throw switches can be used in a key-
board matrix, and, using strapped terminals, achieve a com-
mon bus electrical configuration on a single-sided PC board.
These single pole, single throw switches can be arranged
on a single-sided PC board matrix with strapped termi-
nals to achieve an X-Y type electrical interconnection.


Similar Part No. - JF15CP1H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JF15AP1CC NKK-JF15AP1CC Datasheet
205Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JF15AP1CC NKK-JF15AP1CC Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
JF15AP1CE NKK-JF15AP1CE Datasheet
205Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JF15AP1CE NKK-JF15AP1CE Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
JF15AP1CF NKK-JF15AP1CF Datasheet
205Kb / 6P
   Ultra-Thin Process Sealed Tactiles
More results

Similar Description - JF15CP1H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
JB15LPC-B NKK-JB15LPC-B Datasheet
214Kb / 6P
   Low Profile Process Sealed Tactiles
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
   Low Profile Process Sealed Tactiles
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
   6mm Process Sealed SMT Tactiles
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
   Low Profile Process Sealed Tactiles
JL15SKSBCP2 NKK-JL15SKSBCP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
logo
List of Unclassifed Man...
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15LPC-B NKK-JB15LPC-B_10 Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com