Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWS21BBB-A Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWS21BBB-A
Description  Internationally Approved Rockers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWS21BBB-A Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWS21BBB-A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWS21BBB-A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWS21BBB-A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWS21BBB-A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWS21BBB-A Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWS21BBB-A Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Internationally Approved Rockers
Series JWS
S
Power Level
6A @ 125/250V AC
RATING
BARRIER TYPES & COLORS
Rocker Position
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note: Terminal numbers are actually
on the switch.
SP
JWS11
ON
NONE
OFF
2-3
OPEN
OPEN
SPST
DP
JWS21
ON
NONE
OFF
1-3 4-6
OPEN
OPEN
DPST
POLES & CIRCUITS
R
No-barrier type has
a flat flange which
is an integral part
of the switch.
Barrier Material: Polyamide
Finish: Matte
Barrier AT219 is factory assembled.
Dimensions for barrier are
shown in the Accessories section.
No Barrier
B
With Barrier
A Black
Barrier Color Available:
3
2
INTERNAL
CONNECTION
6
4
INTERNAL
CONNECTION
3
1
CAP COLORS
Cap Material:
Polyphenelene Oxide
Finish: Matte
Rocker cap is an integral part of the switch and not available separately.
* Ivory for nonilluminated models only.
Black
* Ivory
Red
Black
Ivory (for nonilluminated models only)
Cap Colors
Available:
A
B
C
A
B
Material: Polyamide
Finish: Matte
Colors Available:
HOUSING
TERMINALS
Solder Lug/.187” (4.75mm) Quick Connect
Switch assembly with connectors
is not UL, CSA, C-UL, or VDE approved.
Switch
Lamp
(spot illuminated models only)
(6.4)
.252
(0.65) R
.026
(1.2) R
.047
(4.75)
.187
Thk = (0.5)
.020
(4.4)
.173
(3.25)
.128
Thk = (0.25)
.010
(1.8)
.071
(5.0)
.197
(3.0)
.118
(1.0)
.039


Similar Part No. - JWS21BBB-A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWS21BBB-A NKK-JWS21BBB-A Datasheet
212Kb / 6P
   General Specifications
JWS21BBB-A NKK-JWS21BBB-A Datasheet
449Kb / 6P
   General Specifications
More results

Similar Description - JWS21BBB-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JPM16B-A NKK-JPM16B-A Datasheet
182Kb / 5P
   Internationally Approved Pushbuttons
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com