Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JPM26P-C Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JPM26P-C
Description  Internationally Approved Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JPM26P-C Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  JPM26P-C Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JPM26P-C Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JPM26P-C Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JPM26P-C Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JPM26P-C Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Pushbuttons
Series JP
M
TV-5 Rated
Power Level
10A @ 125/250V AC
TV-8 Rated
Power Level
16A @ 125/250V AC
L
RATINGS
ACTUATORS
Plunger Position
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are
actually on the switch.
SP
JPM16
JPL16
OFF
ON
OPEN
1-1a
SPST
DP
JPM26
JPL26
OFF
ON
OPEN
1-1a 2-2a
DPST
POLES & CIRCUIT
B
The barrier is an integral part
of the switch. This housing
is black, molded polyamide
matte finish material.
Cap details below.
The flange is an integral part
of the switch. This housing
is black, molded polyamide
matte finish material.
No cap supplied.
Flat Cap
with Barrier Flange
P
Plunger
with Flat Flange
CAP COLORS
AT3021 Flat Cap
for Actuator Type B with Barrier Flange
Cap Material:
Polyphenylene Oxide
Finish: Matte
The cap is flush with the barrier
in normal position and .079”
(2.0mm) below that in latchdown
position.
The latchdown feature on this
alternate action device provides
visible, audible, and tactile feed-
back. This design gives smooth,
responsive operation.
Black
Ivory
Red
Gray
Cap Colors Available:
A
B
C
H
Note: See General Specifications page to find complete explanation of TV ratings.
1 (COM)
1a
1
2
(COM)
1a
2a
(18.0)
.709
(6.8)
.268
(22.0)
.866


Similar Part No. - JPM26P-C

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
JPM-2A-1000B MERRIMAC-JPM-2A-1000B Datasheet
123Kb / 1P
   QUADRAPHASE MODULATORS
JPM-2A-5B MERRIMAC-JPM-2A-5B Datasheet
123Kb / 1P
   QUADRAPHASE MODULATORS
JPM-4A-300B MERRIMAC-JPM-4A-300B Datasheet
123Kb / 1P
   QUADRAPHASE MODULATORS
JPM-4A-5B MERRIMAC-JPM-4A-5B Datasheet
123Kb / 1P
   QUADRAPHASE MODULATORS
logo
List of Unclassifed Man...
JPM160 ETC1-JPM160 Datasheet
581Kb / 2P
   AC/DC Industrial Type 160 Watts
More results

Similar Description - JPM26P-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
   Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
P2022B NKK-P2022B Datasheet
491Kb / 4P
   Internationally Approved Toggles
JWS11RAA-A NKK-JWS11RAA-A Datasheet
351Kb / 6P
   Internationally Approved Rockers
P2011 NKK-P2011 Datasheet
172Kb / 4P
   Internationally Approved Toggles
P2011N-DA NKK-P2011N-DA Datasheet
195Kb / 5P
   Internationally Approved Rockers/Paddles
JWM11RA NKK-JWM11RA Datasheet
286Kb / 8P
   Internationally Approved TV Rated Rockers
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com