Part Name
         Description
SN54HCT646

 OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS ( 8 Page)


TI
100% 
Zoom Out Zoom In
   
 6 page
background image
SN54HCT646, SN74HCT646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCLS178B – MARCH 1984 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT646
SN74HCT646
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
4.5 V
31
54
22
27
MHz
fmax
5.5 V
36
64
24
29
MHz
CLKBA or CLKAB
AorB
4.5 V
18
36
54
45
CLKBA or CLKAB
A or B
5.5 V
16
32
49
41
t d
AorB
BorA
4.5 V
14
27
41
34
ns
tpd
A or B
B or A
5.5 V
12
24
37
31
ns
SBA or SAB†
AorB
4.5 V
20
38
57
48
SBA or SAB†
A or B
5.5 V
17
34
51
43
t
OE
AorB
4.5 V
25
49
74
61
ns
ten
OE
A or B
5.5 V
22
44
67
55
ns
tdi
OE
AorB
4.5 V
25
49
74
61
ns
tdis
OE
A or B
5.5 V
22
44
67
55
ns
t
DIR
AorB
4.5 V
25
49
74
61
ns
ten
DIR
A or B
5.5 V
22
44
67
55
ns
tdi
DIR
AorB
4.5 V
25
49
74
61
ns
tdis
DIR
A or B
5.5 V
22
44
67
55
ns
tt
Any
4.5 V
9
12
18
15
ns
tt
Any
5.5 V
7
11
16
14
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT646
SN74HCT646
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
CLKBA or CLKAB
AorB
4.5 V
24
53
80
66
CLKBA or CLKAB
A or B
5.5 V
22
47
52
60
t d
AorB
BorA
4.5 V
22
44
67
55
ns
tpd
A or B
B or A
5.5 V
20
39
60
50
ns
SBA or SAB†
AorB
4.5 V
26
55
83
69
SBA or SAB†
A or B
5.5 V
24
49
74
62
OE
AorB
4.5 V
33
66
100
87
t
OE
A or B
5.5 V
22
59
90
74
ns
ten
DIR
AorB
4.5 V
33
66
100
87
ns
DIR
A or B
5.5 V
22
59
90
74
tt
Any
4.5 V
17
42
63
53
ns
tt
Any
5.5 V
14
38
57
48
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
50
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54HCT652OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVC652AOCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT2952AOCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT646OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HC646OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH6463.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HC652OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH6523.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT651OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT652OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl