Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HCT377FK Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54HCT377FK
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HCT377FK Datasheet(HTML) 4 Page - Texas Instruments

  SN54HCT377FK Datasheet HTML 1Page - Texas Instruments SN54HCT377FK Datasheet HTML 2Page - Texas Instruments SN54HCT377FK Datasheet HTML 3Page - Texas Instruments SN54HCT377FK Datasheet HTML 4Page - Texas Instruments SN54HCT377FK Datasheet HTML 5Page - Texas Instruments SN54HCT377FK Datasheet HTML 6Page - Texas Instruments SN54HCT377FK Datasheet HTML 7Page - Texas Instruments SN54HCT377FK Datasheet HTML 8Page - Texas Instruments SN54HCT377FK Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN54HCT377, SN74HCT377
OCTAL D-TYPE FLIP-FLOPS
WITH CLOCK ENABLE
SCLS067D – NOVEMBER 1988 – REVISED MARCH 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HCT377
SN74HCT377
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
f lk
Clock frequency
4.5 V
25
17
20
MHz
fclock
Clock frequency
5.5 V
30
19
22
MHz
t
Pulse duration
CLK high or low
4.5 V
20
30
25
ns
tw
Pulse duration
CLK high or low
5.5 V
18
28
23
ns
Data
4.5 V
12
18
15
t
Setup time before CLK
Data
5.5 V
10
17
14
ns
tsu
Setup time before CLK
CLKEN high or low
4.5 V
12
18
15
ns
CLKEN high or low
5.5 V
10
17
14
Data
4.5 V
3
3
3
th
Hold time data after CLK
Data
5.5 V
3
3
3
ns
th
Hold time data after CLK
CLKEN inactive or active
4.5 V
5
5
5
ns
CLKEN inactive or active
5.5 V
5
5
5
switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless
otherwise noted) (see Figure 1)
FROM
TO
SN54HCT377
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
f
4.5 V
25
31
17
MHz
fmax
5.5 V
30
37
19
MHz
t d
CLK
Any
4.5 V
15
30
45
ns
tpd
CLK
Any
5.5 V
12
28
40
ns
tt
Any
4.5 V
8
15
22
ns
tt
Any
5.5 V
6
14
21
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless
otherwise noted) (see Figure 1)
FROM
TO
SN74HCT377
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
f
4.5 V
25
31
20
MHz
fmax
5.5 V
30
37
22
MHz
t d
CLK
Any
4.5 V
15
30
38
ns
tpd
CLK
Any
5.5 V
12
28
35
ns
tt
Any
4.5 V
8
15
19
ns
tt
Any
5.5 V
6
14
17
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
30
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54HCT377FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT377 TI-SN54HCT377 Datasheet
446Kb / 11P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HCT377 TI-SN54HCT377_08 Datasheet
446Kb / 11P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results

Similar Description - SN54HCT377FK

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC377 UTC-U74HC377 Datasheet
254Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
U74HC377 UTC-U74HC377_15 Datasheet
254Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
logo
Texas Instruments
SN54HC377 TI-SN54HC377_06 Datasheet
419Kb / 14P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HCT377 TI-SN54HCT377_08 Datasheet
446Kb / 11P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HC377 TI-SN54HC377 Datasheet
425Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
logo
Hitachi Semiconductor
HD74HC377 HITACHI-HD74HC377 Datasheet
58Kb / 9P
   Octal D-type Flip-Flops (with Enable)
logo
Renesas Technology Corp
HD74HC377 RENESAS-HD74HC377 Datasheet
99Kb / 7P
   Octal D-type Flip-Flops (with Enable)
logo
Texas Instruments
SN54ABT377 TI-SN54ABT377 Datasheet
464Kb / 14P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54ABT377 TI1-SN54ABT377_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HC377 TI-SN54HC377 Datasheet
221Kb / 6P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com