Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB2011-E-J50 Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2011-E-J50
Description  Light Touch Miniature Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2011-E-J50 Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2011-E-J50 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-E-J50 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-E-J50 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-E-J50 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-E-J50 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-E-J50 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-E-J50 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-E-J50 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-E-J50 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Light Touch Miniature Pushbuttons
Series EB
(21.5) Sq
.846
(11.8)
.465
(10.0)
.394
(12.0)
.472
(2.2)
.087
(7.8)
.307
(3.0) Dia Typ
.118
(8.0)
.315
(30.2)
1.19
(19.0)
.748
(12.0)
.472
(11.8)
.465
(13.5)
.531
(15.6)
.614
(5.4) Dia
.213
(2.2)
.087
CAP EXTENSIONS & BEZEL TYPES
Cap
Extension
with
Bezel
Low Rise
Momentary
J22
J42
J52
J32
Low Rise
Alternate
High Rise
Momentary
High Rise
Alternate
(10.0)
.394
(4.5)
.177
(2.8)
.110
(2.2)
.087
(1.0)
.039
(10.0)
.394
(4.5)
.177
(2.8)
.110
(2.2)
.087
(2.1)
.083
(10.0)
.394
(3.4)
.134
(2.8)
.110
(2.2)
.087
(2.1)
.083
(10.0)
.394
(3.4)
.134
(2.8)
.110
(2.2)
.087
(3.2)
.126
EB2011-B-J42AC
High Rise
Single Pole
A
Black
AT208 Bezel with
1 Round LED (AT070 LED)
Material: Polycarbonate
Finish: Glossy
LED colors and
specifications on
next to last page
of this EB section.
Cap
Extension
with
Bezel
Low Rise
Momentary
J23
J43
J53
J33
Low Rise
Alternate
High Rise
Momentary
High Rise
Alternate
(10.0)
.394
(4.5)
.177
(2.8)
.110
(2.2)
.087
(1.0)
.039
(10.0)
.394
(4.5)
.177
(2.8)
.110
(2.2)
.087
(2.1)
.083
(10.0)
.394
(3.4)
.134
(2.8)
.110
(2.2)
.087
(2.1)
.083
(10.0)
.394
(3.4)
.134
(2.8)
.110
(2.2)
.087
(3.2)
.126
EB2065-B-J33ACF
Low Rise
Single Pole
Maximum Panel Thickness
.039” ~ .126” (1.0mm ~ 3.2mm)
Cutout applies to SP & DP
A
Black
AT212 Bezel with
2 Round LEDs (AT617 LEDs)
Material: Polycarbonate
Finish: Glossy
LED colors and
specifications on
next to last page
of this EB section.
(18.4)
.724
(15.0)
.591
3
2
1
COM
(2.0) Typ
.079
(7.0)
.276
(11.0)
.433
(14.0)
.551
(10.0)
.394
(11.5) Sq
.453
(1.1) x (2.0) Typ
.043 x .079
(0.7) Typ
.028
(3.9) Typ
.154
(4.0) Typ
.157
(0.5)
.020
(4.5)
.177
(4.5)
.177
(2.8)
.110
(18.0)
.709
(2.1)
.083
For Alternate Devices
(2.2)
.087
(10.0)
.394
(7.8)
.307
(8.0)
.315
(3.0) Dia Typ
.118
(11.8)
.465
(21.5) Sq
.846
(12.0)
.472
3
2
1
COM
(2.0)
.079
(7.0)
.276
(11.0)
.433
(14.0)
.551
(2.5)
.098
3
2
1
COM
(2.0)
.079
(7.0)
.276
(11.0)
.433
(14.0)
.551
(2.5)
.098
(10.0)
.394
(11.5) Sq
.453
(1.1) x (2.0) Typ
.043 x .079
(0.7) Typ
.028
(3.9) Typ
.154
(4.0) Typ
.157
(0.5)
.020
(4.5)
.177
(3.4)
.134
(2.8)
.110
(18.0)
.709
(2.1)
.083
For Momentary Devices
(2.2)
.087
(30.2)
1.190
(15.3) Min
.602
(4.9)
.193
(0.61) Sq
.024
(12.0)
.472
(5.4) Dia
.213
(19.0)
.748
(13.5)
.531
(11.8)
.465
(15.6)
.614
Maximum Panel Thickness
.039” ~ .126”
(1.0mm ~ 3.2mm)
Cutout applies to SP & DP
(6.25)
.246
(13.8)
.543
(8.8) Dia
.346
(15.0)
.591
(12.5)
.492


Similar Part No. - EB2011-E-J50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-BA NKK-EB2011-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2011-BB NKK-EB2011-BB Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2011-BC NKK-EB2011-BC Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2011-BE NKK-EB2011-BE Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
More results

Similar Description - EB2011-E-J50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-BA NKK-EB2011-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com