Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1RHW Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B1RHW
Description  Process Sealed Subminiature Antistatic Toggles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B1RHW Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  B1RHW Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B1RHW Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B1RHW Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B1RHW Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B1RHW Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B1RHW Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B1RHW Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B1RHW Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Antistatic Toggles
Series B
General Specifications
Electrical Capacity (Resistive Load)
Logic Level:
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
100,000 operations minimum for On-None-On & On-Off-On
50,000 operations minimum for other circuits
50,000 operations minimum for locking lever models
Electrical Life:
50,000 operations minimum
Nominal Operating Force:
Toggles A, A1, E & K with Long Paddle: 1.47N (momentary); 1.18N (maintained)
Toggles J & H & K with Short Paddle: 2.72N (momentary); 1.84N (maintained)
Toggle L: 0.59N
Contact Timing:
Nonshorting (break-before-make)
Angle of Throw:
26°
Materials & Finishes
Toggle:
Nickel plated brass
Bushing:
Carbon blended polyamide; nickel plated zinc alloy for locking levers & threaded bushing
Gasket:
Nitrile butadiene rubber
Case Housing:
Glass fiber reinforced polyamide
Support Bracket:
Tin plated phosphor bronze
Movable Contact:
Phosphor bronze with gold plating
Stationary Contacts:
Copper alloy with gold plating
Terminals:
Copper alloy with gold plating
Environmental Data
Operating Temperature Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
.30 ~ .45Nm (2.65 ~ 3.98 lbin) for A1 actuator with threaded bushing only
PCB Processing
Soldering:
Wave Soldering Recommended: See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
Automated cleaning. See Cleaning specifications in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 available
UL Recognition
The B Series toggles have not been tested for UL recognition or CSA certification.
or CSA Certification:
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.


Similar Part No. - B1RHW

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
B1RHB-GA OHMITE-B1RHB-GA Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B1RHB-GA NKK-B1RHB-GA Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B1RHB-GB OHMITE-B1RHB-GB Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B1RHB-GB NKK-B1RHB-GB Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B1RHB-GC OHMITE-B1RHB-GC Datasheet
258Kb / 8P
   General Specifications
More results

Similar Description - B1RHW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
   Antistatic Process Sealed Keylock Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com