Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HCT00NE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT00NE4
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT00NE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCT00NE4 Datasheet HTML 1Page - Texas Instruments SN74HCT00NE4 Datasheet HTML 2Page - Texas Instruments SN74HCT00NE4 Datasheet HTML 3Page - Texas Instruments SN74HCT00NE4 Datasheet HTML 4Page - Texas Instruments SN74HCT00NE4 Datasheet HTML 5Page - Texas Instruments SN74HCT00NE4 Datasheet HTML 6Page - Texas Instruments SN74HCT00NE4 Datasheet HTML 7Page - Texas Instruments SN74HCT00NE4 Datasheet HTML 8Page - Texas Instruments SN74HCT00NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN54HCT00, SN74HCT00
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCLS062D – NOVEMBER 1988 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Voltage Range of 4.5 V to 5.5 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 10 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Inputs Are TTL-Voltage Compatible
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54HCT00 ...J OR W PACKAGE
SN74HCT00 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54HCT00 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
These devices contain four independent 2-input NAND gates. They perform the Boolean function Y = A
• B or
Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HCT00N
SN74HCT00N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HCT00D
HCT00
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HCT00DR
HCT00
–40 C to 85 C
Reel of 250
SN74HCT00DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HCT00NSR
HCT00
SSOP – DB
Reel of 2000
SN74HCT00DBR
HT00
TSSOP – PW
Tube of 90
SN74HCT00PW
HT00
TSSOP – PW
Reel of 2000
SN74HCT00PWR
HT00
Reel of 250
SN74HCT00PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HCT00J
SNJ54HCT00J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HCT00W
SNJ54HCT00W
LCCC – FK
Tube of 55
SNJ54HCT00FK
SNJ54HCT00FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Similar Part No. - SN74HCT00NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT00NE4 TI1-SN74HCT00NE4 Datasheet
974Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74HCT00NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com