Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR230 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR230
Description  VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR230 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR230 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR230 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SR220 THRU SR2100
VOLTAGE 20V ~ 100V
2.0 AMP Schottky Barrier Rectifiers
DO-15
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Lead: Axial Lead, solderable per MIL-STD-202,
method 208 guaranteed
. Polarity: Color band denotes cathode end
. Mounting position: Any
. Weight: 0.34 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C
O
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
UNITS
Maximum Recurrent Peak Reverse Voltage
V
Working Peak Reverse Voltage
V
Maximum DC Blocking Voltage
SR220
20
20
20
SR230
30
30
30
SR240
40
40
40
SR260
60
60
60
SR280
80
80
80
SR2100
100
100
100
V
A
A
See Fig. 1
2.0
(JEDEC method)
50
Maximum Instantaneous Forward Voltage at 2.0A
0.52
0.65
0.83
V
Maximum DC Reverse Current
Ta=25
0.2
At Rated DC Blocking Voltage
Ta=100
20
mA
Typical Junction Capacitance (Note1)
170
pF
Typical Thermal Resistance R
θJA (Note 2)
35
/ W
Operating Temperature Range TJ
-50 ~ +150
Storage Temperature Range TSTG
-65 ~ +170
C
O
C
O
C
O
C
O
C
O
Maximum Average Forward Rectified Current,
Peak Forward Surge Current, 8.3 ms single
half Sine-wave superimposed on rated load
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.
300(7.6)
.
230(5.8)
.034(.9)
.028(.7)
DIA.
.1
40(3.6)
.
104(2.6)
DIA.
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SR230

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR230 WTE-SR230 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SR230 ZSELEC-SR230 Datasheet
115Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
logo
Weitron Technology
SR230 WEITRON-SR230 Datasheet
231Kb / 3P
   Axial Lead Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SR230 CHENDA-SR230 Datasheet
486Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SR230 JGD-SR230 Datasheet
144Kb / 2P
   2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR230

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
   Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
   Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
SCD2100 SECOS-SCD2100 Datasheet
362Kb / 2P
   VOLTAGE 100V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
   VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
   VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
   VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
   VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
SCD22 SECOS-SCD22 Datasheet
267Kb / 2P
   VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SM220AF SECOS-SM220AF Datasheet
237Kb / 2P
   20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com