Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPA350X-48 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPA350X-48
Description  350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPA350X-48 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPA350X-48 Datasheet HTML 1Page - MicroPower Direct, LLC MPA350X-48 Datasheet HTML 2Page - MicroPower Direct, LLC MPA350X-48 Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
MPA350x-00z series are designated as: x = U (U-channel), C(U-channel with Cover) or F(Cover with Internal fan).
Z = T(Terminal Strips) or M(Molex connectors).
Ripple & noise measured from 10 kHz to 20 Mhz at output terminals with parallel 0.1µF ceramic and 22µF electrolytic capacitors.
Providing peak power to 600W within 500 uS for all models, longer duty duration need contact manufacture in advance.
1% minimum load is required to maintain the ripple and regulation.
Output is fully isolated.
Models provided with the optional cover (MPA350C), require 30 CFM forced air flow to achieve max rating.
OUTLINE DRAWING: Overall Size: 8(L) x 4.25(W) x 2(H)inches; Weight: Maximum weight is 800g
±1%
±1%
6.48A
4.25A
54-60V
54V
MPA350x-54
±1%
±1%
8.33A
5.47A
42-53V
48V
MPA350x-48
±1%
±1%
11.29A
7.41A
31-41V
36V
MPA350x-36
±1%
±1%
15.9A
10.45A
22-30V
24V
MPA350x-24
±1%
±1%
21.87A
14.37A
16-21V
18V
MPA350x-18
±1%
±1%
29.16A
19.16A
12-15V
15V
MPA350x-15
±1%
±1%
29.16A
19.16A
12-15V
12V
MPA350x-12
±1%
±1%
60A
30A
5-6V
5V
MPA350x-05
±1%
±1%
60A
30A
3-4V
3.3V
MPA350x-03
30CFM
Convection
Range
Present
Ripple & noise
Regulation
Max. Output current
Output voltage
Model
Mounting hole 8 Places
FAN1
PG
Mating JST XHP-2 or equivalent
Type A: U-Chassis only
MicroPower Direct
Go Direct - MicroPower Direct - For Product, Performance and Price
MicroPower Direct
www.micropowerdirect.com
292 Page Street, Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - MPA350X-48

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA300D MPD-MPA300D Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA300DX-0512Z MPD-MPA300DX-0512Z Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA300DX-0524Z MPD-MPA300DX-0524Z Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA300DX-0548Z MPD-MPA300DX-0548Z Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA300DX-1224Z MPD-MPA300DX-1224Z Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
More results

Similar Description - MPA350X-48

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1201 ULC-PRL1201 Datasheet
264Kb / 3P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL1301 ULC-PRL1301 Datasheet
478Kb / 4P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
logo
MicroPower Direct, LLC
MPA400M MPD-MPA400M Datasheet
261Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400MD MPD-MPA400MD Datasheet
288Kb / 2P
   400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com