Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPW34119D Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SPW34119D
Description  Low Power Audio Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SPW34119D Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SPW34119D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SPW34119D Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 4 of 9
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Design Guidelines
General
The
SPW34119D is a low power audio amplifier capable of low voltage operation (VCC = 2.0 V minimum) such as that encountered in
line-powered speakerphones. The circuit provides a differential output (VO1-VO2) to the speaker to maximize the available voltage swing at
low voltages. The differential gain is set by two external resistors. Pins FC1 and FC2 allow controlling the amount of power supply and
noise rejection, as well as providing alternate inputs to the amplifiers. The CD pin permits powering down the IC for muting purposes and
to conserve power.
Amplifiers
Referring to the block diagram, the internal configuration consists of two identical operational amplifiers. Amplifier # 1 has an open loop
gain of
80 dB (at f
100 Hz), and the closed loop gain is set by external resistor Rf and Ri. The amplifier is unity gain stable, and has a
unity gain frequency of approximately 1.5 MHz. In order to adequately cover the telephone voice band (300 Hz to 3400 Hz), a maximum
closed loop gain of 46 is recommended. Amplifier #2 is internally set to a gain of-1.0(0dB).
The outputs of both amplifiers are capable of sourcing and sinking a peak current of 200 mA. The outputs can typically swing to within
0.4 V above ground, and to with 1.3 V below VCC, at the maximum current. See Figures 17 and 18 for VOH and VOL curves.
The output dc offset voltage (VO1-VO2) is primarily a function of the feedback resistor (Rf), and secondarily due to the amplifiers' input
offset voltages. The input offset voltage of the two amplifiers swill generally be similar for a particular IC, and therefore nearly cancel each
other at the outputs. Amplifier #1's bias current, however, flows out of Vin (Pin 4) and through Rf, forcing V01 to shift negative by an
amount equal to [Rf x IIB]. VO2 is shifted positive an equal amount. The output offset voltage, specified in the Electrical Characteristics, is
measured with the feedback resistor shown in the Typical Application Circuit, and therefore takes into account the bias current as well as
internal offset voltages of the amplifiers. The bias current is constant with respect to VCC.
FC1 and FC2
Power supply rejection is provided by the capacitors (C1 and C2 in the Typical Application Circuit) at FC1 and FC2. C2 is somewhat
dominant at low frequencies, while C1 is dominant at high frequencies, as shown in the graphs of Figures 4 to 7. The required values of
C1 and C2 depend on the conditions of each application. A line powered speakerphone, for example, will require more filtering than a
circuit powered by a well regulated power supply. The amount of rejection is a function of the capacitors, and the equivalent impedance
looking into FC1 and FC2 (listed in the Electrical Characteristics as RFC1 and RFC2).
In addition to providing filtering, C1 and C2 also affect the turn-on time of the circuit at power-up, since the two capacitors must charge
up through the internal 50 k and 125 k resistors. The graph of Figure 1 indicates the turn-on time upon application of VCC of + 6.0 V. The
turn-on time is 60% longer for VCC = 3.0 V, and 20% less for VCC = 9.0V. Turn-off time is < 10 us upon removal of VCC.
SPW34119D
Low Power Audio
Amplifier


Similar Part No. - SPW34119D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPW31002D SECOS-SPW31002D Datasheet
686Kb / 3P
   Bipolar Tone Ringer ICS
SPW31002S SECOS-SPW31002S Datasheet
734Kb / 3P
   Bipolar Tone Ringer ICs
logo
Infineon Technologies A...
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
827Kb / 12P
   Cool MOS??Power Transistor
Rev. 2.5 2008-02-11
logo
Inchange Semiconductor ...
SPW32N50C3 ISC-SPW32N50C3 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - SPW34119D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com