Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1RAW Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B1RAW
Description  Process Sealed Subminiature Antistatic Toggles
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B1RAW Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  B1RAW Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B1RAW Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B1RAW Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B1RAW Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B1RAW Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B1RAW Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B1RAW Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B1RAW Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Antistatic Toggles
Series B
PC TERMINALS
Color Codes:
Straight
Material: PVC
Colors Available:
A, B, C
Straight with Bracket
Material: PVC
Colors Available:
A, B, C
Black
White
Red
Yellow
Green
Blue
A
B
C
E
F
G
P
B
Right Angle with Bracket
Vertical with Bracket
V
Straight Long
W
OPTIONAL CAPS
AT4003
.394” (10.0mm) Bat Lever Cap
G
AT4064
.248” (6.3mm) Bat Lever Cap
J
26
°
(3.0) Dia
.118
(10.0)
.394
(11.0)
.433
(6.3)
.248
26
°
(7.0)
.276
(3.0) Dia
.118
AT467
Short Paddle for K Toggle
A
AT468
Long Paddle for K Toggle
B
Material: Polyamide
Colors Available:
A, B, C, E, F, G, H
Material: Polyamide
Colors Available:
A, B, C, E, F, G, H
(4.4)
.173
(14.2)
.559
26
°
(2.4)
.094
(10.3)
.406
Gray
H
(9.4)
.370
(5.0)
.197
(4.6)
.181
26
°
(2.4)
.094
(15.1)
.594
(5.0) Dia
.197
(2.54) Typ
.100
(0.6) Dia Typ
.024
(3.1) Typ
.122
(5.08)
.200
(3.1)
.122
(0.4) Typ
.016
(0.6) Dia Typ
.024
(2.54) Typ
.100
(10.16)
.400
(5.08)
.200
(5.08)
.200
(0.6) Typ
.024
H
(0.4)
.016
(0.6)
.024
(2.54) Typ
.100
(0.6) Dia Typ
.024
(0.5) Typ
.020
(5.08)
.200
(18.9)
.744
(2.54) Typ
.100
(0.6) Dia Typ
.024
(0.4)
.016
(0.5) Typ
.020
(0.6)
.024
(2.54) Typ
.100
(2.54) Typ
.100(0.6) Dia Typ
.024
PADDLES
Use of a support bracket is recommended to increase PCB mounting strength and stability.


Similar Part No. - B1RAW

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
B1RA1B-GA OHMITE-B1RA1B-GA Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B1RA1B-GA NKK-B1RA1B-GA Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B1RA1B-GB OHMITE-B1RA1B-GB Datasheet
258Kb / 8P
   General Specifications
logo
Nihon Kaiheiki Industry...
B1RA1B-GB NKK-B1RA1B-GB Datasheet
250Kb / 8P
   General Specifications
logo
Ohmite Mfg. Co.
B1RA1B-GC OHMITE-B1RA1B-GC Datasheet
258Kb / 8P
   General Specifications
More results

Similar Description - B1RAW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
logo
GREATECS
SK13AEG13 GREATECS-SK13AEG13 Datasheet
758Kb / 1P
   Antistatic Process Sealed Keylock Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com