Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MMBTA92W Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part No. MMBTA92W
Description  PNP Silicon Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Homepage  http://www.semtech.net.cn
Logo 

   
 1 page
background image
Dated : 10/11/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MMBTA92W
PNP Silicon Epitaxial Planar Transistor
for high voltage switching and amplifier applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
300
V
Collector Emitter Voltage
-VCEO
300
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
100
mA
Total Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE = 10 V, -IC = 1 mA
at -VCE = 10 V, -IC = 10 mA
at -VCE = 10 V, -IC = 30 mA
hFE
hFE
hFE
25
40
25
-
-
-
-
-
-
Collector Base Breakdown Voltage
at -IC = 100 µA
-V(BR)CBO
300
-
V
Collector Emitter Breakdown Voltage
at -IC = 1 mA
-V(BR)CEO
300
-
V
Emitter Base Breakdown Voltage
at -IE = 100 µA
-V(BR)EBO
5
-
V
Collector Base Cutoff Current
at -VCB = 200 V
-ICBO
-
250
nA
Emitter Base Cutoff Current
at -VEB = 3 V
-IEBO
-
100
nA
Collector Emitter Saturation Voltage
at -IC = 20 mA, -IB = 2 mA
-VCE(sat)
-
0.5
V
Base Emitter Saturation Voltage
at -IC = 20 mA, -IB = 2 mA
-VBE(sat)
-
0.9
V
Transition Frequency
at -VCE = 20 V, -IC = 10 mA, f = 100 MHz
fT
50
-
MHz
Collector Output Capacitance
at -VCB = 20 V, f = 1 MHz
Cob
-
6
pF




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMBTSA2018PNP Silicon Epitaxial Planar Transistor 1 2 SEMTECH ELECTRONICS LTD.
KSB1121_05PNP Epitaxial Planar Silicon Transistor 1 2 3 4 5 Fairchild Semiconductor
2SA2186PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6531PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1 2 3 4 Sanyo Semicon Device
TT3031NPPNP Epitaxial Planar Silicon Transistor 50V / 3A High-Speed Switching 1 2 3 4 Sanyo Semicon Device
SFT1101PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
PCP1101PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1 2 3 4 Sanyo Semicon Device
2SA1682PNP Epitaxial Planar Silicon Transistor 1 2 Guangdong Kexin Industrial Co.,Ltd
2SA1773PNP Epitaxial Planar Silicon Transistor 1 2 Guangdong Kexin Industrial Co.,Ltd
MMBTSA733PNP Silicon Epitaxial Planar Transistor 1 2 SEMTECH ELECTRONICS LTD.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl