Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPA250X-28Z Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPA250X-28Z
Description  Smallest 1U 250W Single Output Power Factor Corrected AC/DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPA250X-28Z Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPA250X-28Z Datasheet HTML 1Page - MicroPower Direct, LLC MPA250X-28Z Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPA250 Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Autoranging
90
132
VAC
180
264
Input Frequency
47
63
Hz
Input Current, Full Load
100 - 120 VAC
6
A
200 - 240 VAC
3
Inrush Current, Cold Start
110 VAC
35
A
220 VAC
70
Leakage Current (Note 1)
240 VAC
1.5
mA
Power Factor Correction
Meets EN61000-3-2 Class A
Input Protection
T8A/250V Fuse
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Adjustment
By Trim Pot
±5.0
%
Output Regulation (Note 2)
±1.0
%
Hold Time
110 VAC, 80% Load
20
mSec
Ripple & Noise (20 MHz) (Note 3)
See Model Selection Guide
Overload Protection
Power Limit
130
160
%
Over Voltage Protection
>130% of Rated Output Voltage. Recycle AC Input.
Over Temperature Protection
Temperature Coefficient
±0.04
%/ºC
Transient Recovery Time (Note 4)
50% Load Change
2.5
mS
Transient Response Deviation
5
%
Overshoot/Undershoot
At Turn On/Off
±5.0
%
Turn On Delay
120 VAC
1
S
Output Short Circuit
Continuous With Autorecovery
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage (Note 5)
Input - Output
3,000
VAC
Input - FG (Frame Ground)
1,500
Primary - Core
1,500
Switching Frequency
Fixed
24
kHz
Interface Signals
Power Supply On
Green LED (LED1) on the PCB
Power Good Signal
PG on CN1. Goes TTL high 100 to 500 mS after regulation. Goes low at
least 1 mS before the loss of regulation. Will sink 100 mA.
Remote On/Off
RMSW on CN1. A TTL low signal inhibits the output. Hiccup mode.
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
0
+25
+50
ºC
Output Derating
2.5%/ ºC from +50 ºC to + 70 ºC
Storage Temperature Range
-20
+85
ºC
Cooling
See Model Selection Guide
Operating Humidity
RH, Non-condensing
90
%
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 30ºC, Gnd Benign
100
kHours
Safety Standards
UL 60950; CSA C22.2 No. 60950; TUV EN60950; CB Report (IEC 60950)
EEMI Compliance
Compliance to EN55022 (CISPR22) Class B; EN61000-3-2,3
EMS Immunity Compliance
EN6100-4-2,3,4,5,6,8,11; EN55024,; CE Marked (LVD)
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
output current, unless otherwise noted. Sp
ent unless otherwise noted Sp ifi
t
tl
th
i
t d S
Only
5 x 3.2 x 1.5
Inches!!
Key Features:
Smallest 1U 250W Supply
PFC to EN61000-3-2 “A”
UL, cUL, TUV Approvals
CE Certified
FCC Class B Emissions
2 - 60 V Output Voltages
Auto Selectable AC Input
600W Peak Power
Four Mechanical Options
Smallest 1U 250W
Single Output
Power Factor Corrected
AC/DC Power Supplies
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MPA250X-28Z

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA200L MPD-MPA200L Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-03Z MPD-MPA200LX-03Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-05Z MPD-MPA200LX-05Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-12Z MPD-MPA200LX-12Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
MPA200LX-24Z MPD-MPA200LX-24Z Datasheet
336Kb / 2P
   Low Profi le 200W Single Output Power Factor Corrected AC/DC Power Supplies
More results

Similar Description - MPA250X-28Z

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA320 MPD-MPA320 Datasheet
399Kb / 2P
   Smallest 1U 320W Single Output Power Factor Corrected AC/DC Power Supplies
MPU-250 MPD-MPU-250 Datasheet
524Kb / 2P
   Single Output 250W Power Factor Corrected AC/DC Power Supplies
MPA300D MPD-MPA300D Datasheet
403Kb / 2P
   Smallest 1U 300W Dual Output Power Factor Corrected AC/DC Power Supplies
MPA150 MPD-MPA150 Datasheet
387Kb / 2P
   Compact 1U 150W Single Output Power Factor Corrected AC/DC Power Supplies
MPO-500S MPD-MPO-500S Datasheet
1Mb / 4P
   Single Output, 500W Power Factor Corrected, AC/DC Power Supplies
MPA500R MPD-MPA500R Datasheet
381Kb / 2P
   Industrial 500W Single Output Power Factor Corrected AC/DC Power Supplies
MPA300R MPD-MPA300R Datasheet
352Kb / 2P
   Industrial 300W Single Output Power Factor Corrected AC/DC Power Supplies
MPA800R MPD-MPA800R Datasheet
368Kb / 2P
   Industrial 800W Single Output Power Factor Corrected AC/DC Power Supplies
MPA600R MPD-MPA600R Datasheet
381Kb / 2P
   Industrial 600W Single Output Power Factor Corrected AC/DC Power Supplies
MPA300L MPD-MPA300L Datasheet
382Kb / 2P
   Low Profi le 300W Single Output Power Factor Corrected AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com