Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSD-08X08-CA1 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # VSD-08X08-CA1
Description  Touch Screen Display VOA Switch Tray VSD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VSD-08X08-CA1 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  VSD-08X08-CA1 Datasheet HTML 1Page - JDS Uniphase Corporation VSD-08X08-CA1 Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2008 Polatis Inc. All rights reserved. All information in this document is
provided for informational purposes only and is subject to change without notice.
Polatis Inc. assumes no liability for actions taken based on information contained herein.
Polatis Incorporated
In the US: 5 Fortune Drive, Billerica, MA 01821
Telephone +1 800 514 7435, Fax +1 978 670 4915
In the UK: 332 Cambridge Science Park, Cambridge CB4 0WN UK
Telephone +44 (0)1223 424200, Fax +1 (0)1223 472015
General Inquiries: info@polatis.com, www.polatis.com
The performance characteristics of the switch trays vary
according to the fiber count.
Fiber
Count
04
08
12
16
20
24
2832CC
04
I
I
I
I
K
K
KK-
08
I
I
I
I
K
K
KKK
12
I
I
I
I
K
K
KKK
16
I
I
I
I
K
K
KKK
20
K
K
K
K
K
K
KKK
24
K
K
K
K
K
K
KKK
28
K
K
K
K
K
K
KKK
32
K
K
K
K
K
K
KKK
perFormance speciFications
FiBer count DesiGnator
i
K
-100,-300,-400-200,-500-100,-300,-400-200,-500
Input&
Input&
OutputMonitorOutputMonitorOutputMonitorOutputMonitor
orAbsoluteVOAorRelativeVOAorAbsoluteVOAorRelativeVOA
InsertionLoss@1550nm1<1.2dB <1.3dB<1.6dB<1.7dB
PolarizationDependentLoss
@0dBattenuation
<0.1dB
<0.1dB
<0.15dB
<0.15dB
Crosstalk
<-70dB
<-60dB
OperatingWavelengthRange5
1260-1625nm
WavelengthDependentLoss
<0.3dB(C+LBand)
Repeatability6
<±0.05dB
ReturnLoss2
>55dB
SwitchingTime
<17ms
MaximumOpticalPower3
+24dBm
SwitchLifetime
108cycles
OperatingTemp(Normal)
+10°to+40°C,<85%RHnon-condensing
OperatingTemp(Extended)
-5°to+55°C,<85%RHnon-condensing9
StorageTemp(Normal)10
-30°to+70°C,<40%RHnon-condensing9
StorageTemp(Extended)10
-30°to+70°C,<40%RHnon-condensing9
Qualification(Normal)
DesignedtomeetEN60950
Qualification(Extended)
DesignedtomeetTelcordiaGR63
EN60950
VOAPerformance
OpticalAttenuationRange7
>40dB
VOAResolution
<0.25dB
OutputStability@0dB8
<±0.05dB
OPMPerformance
OperatingWavelengthRange5
1290-1330nm+1450-1625nm
OPMDynamicRange4
-30to+24dBm
OPMAccuracy
<±0.5dBm
All parameters are measured excluding connectors at 1550nm and 20°C with an unpolarized source
after thermal equalization unless stated.
1. Measured using a 3 patch-cord method as defined in TIA/EIA-526-14A.
2. With APC connectors return loss >70dB without connectors.
3. Switch will operate on dark fiber.
4. Dynamic range for extended temperature is –20 to +24dBm.
5. Calibrated range for optical power monitors; switch operable over 1260-1625nm.
6. At zero attenuation.
7. When output power is within OPM dynamic range.
8. For stability at various levels of attenuation please contact Polatis for further details.
9. Maximum absolute humidity equivalent to 85% at 40C.
10.Long term storage within +10C to +35C, <40% RH to preserve display performance.
Partially populated VOA & OPM options also available. Call for details.
ordering information
The part numbering scheme for Polatis products is as
follows:
VSD - x - 1--
Fibers
4-32Input
8-32Reconfigurable
Fibers
4-32Output
CC=Reconfigurable
Connector
L=LC
F=FC
C=SC
T=ST
U=MU
Polish
U=UPC
A=APC
Fiber
1=Singlemode9/125µm
Interface
E=Ethernet,RS232&USB
M=Ethernet(Multisession),RS232&USB
G=GPIB,Ethernet,RS232&USB
Protocol
S=SCPI
T=TL1
N=SNMP
Power
B=Battery(dual-48V)
Mainsconnectortype
A=NorthAmerica/Japan
E=ContinentalEurope
U=UK
C=China/Australia
Environmental
N=Normal
E=Extended
Customization
S=Standard
V=Non-standardvariant
SwitchConfiguration*
-100=OutputpowermonitorswithabsoluteVOA
-200=Input&outputpowermonitorswithrelativeVOA
-300=Outputpowermonitors
-400=Inputpowermonitors
-500=Input&outputpowermonitors
* Reconfigurable only have options 100, 300 & 400.
packaging information
Power
Dissipation
4-32
25W
19”rackmount,3rackunitshigh
33-64
45W
FiberCountTrayDimensions
For more inFormation
Visit our website: www.jdsu.com
E-mail us: sales@jdsu.com
Phone us:
North American Sales: 1 866 228 3762
Latin American Sales: +55 11 5503 3800
Asia Pacific Sales: +852 2892 0990
EMEA Sales: +49 7121 86 2222


Similar Part No. - VSD-08X08-CA1

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSD-100 CUI-VSD-100 Datasheet
136Kb / 4P
   Single Output DC-DC Converter
VSD-100B-12 CUI-VSD-100B-12 Datasheet
136Kb / 4P
   Single Output DC-DC Converter
VSD-100B-24 CUI-VSD-100B-24 Datasheet
136Kb / 4P
   Single Output DC-DC Converter
VSD-100B-5 CUI-VSD-100B-5 Datasheet
136Kb / 4P
   Single Output DC-DC Converter
VSD-100C-12 CUI-VSD-100C-12 Datasheet
136Kb / 4P
   Single Output DC-DC Converter
More results

Similar Description - VSD-08X08-CA1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
VST-04X04-LU1 JDSU-VST-04X04-LU1 Datasheet
176Kb / 2P
   VOA & Power Meter Switch Tray
VST-08XCC-LU1-ES JDSU-VST-08XCC-LU1-ES Datasheet
68Kb / 2P
   Reconfigurable VOA & Power Meter Switch Tray VST
logo
List of Unclassifed Man...
RASPBERRYPI-DISPLAY ETC-RASPBERRYPI-DISPLAY Datasheet
401Kb / 1P
   Raspberry Pi 7” Touch Screen Display
logo
Schurter Inc.
CDS1 SCHURTER-CDS1 Datasheet
509Kb / 5P
   Touch Display Switch
CDS1 SCHURTER-CDS1_V02 Datasheet
510Kb / 5P
   Touch Display Switch
05.01.2022
10700464 SCHURTER-10700464 Datasheet
199Kb / 5P
   TOUCH SCREEN
logo
Schneider Electric
HMIST6400 SCHNEIDER-HMIST6400 Datasheet
66Kb / 3P
   Touch panel screen, Harmony ST6, 7 display
Sep 20, 2021
logo
Schurter Inc.
10700475 SCHURTER-10700475 Datasheet
188Kb / 4P
   TOUCH SCREEN
10700461 SCHURTER-10700461 Datasheet
197Kb / 5P
   TOUCH SCREEN
logo
Power Systems GmbH+Co.K...
F1-05811APA-G0 POWER-SYSTEMS-F1-05811APA-G0 Datasheet
246Kb / 2P
   TOUCH SCREEN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com