Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMG3018K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG3018K
Description  N-Channel Enhancement Mode Power Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG3018K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMG3018K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG3018K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG3018K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG3018K Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMG3018K
640mA, 30V,RDS(ON)8
N-Channel Enhancement Mode Power Mos.FET
Ω
Description
Features
Marking : 3018E
The SMG3018K utilized advanced processing
techniques to achieve the lowest possible on-
resistance, extremely efficient and cost-
effectiveness device. The SMG3018K is
universally used for all commercial-industrial
applications.
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
mA
m
A
mA
30
20
640
500
950
1.38
3
1,2
Continuous Drain Current
Pulsed Drain Current
Parameter
Symbol
Ratings
Unit
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient
3
V
V
ID@TA=70
/W
C
W/ C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
±
0.01
-55~+150
90
3
o
o
o
C
o
C
o
C
o
Max.
Dim
Min
Max
A
2.70
3.10
B
1.40
1.60
C
1.00
1.30
D
0.35
0.50
G
1.70
2.10
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
0.85
1.15
S
2.40
2.80
All Dimension in mm
SC-59
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
Gate
Source
Drain
01-Jun-2002 Rev. A
Page 1 of 4
* RoHS Compliant
* Simple Drive Requirement
* Small Package Outline
D
G
S


Similar Part No. - SMG3018K

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMG3018K VBSEMI-SMG3018K Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SMG3018K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SID3055 SECOS-SID3055_15 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power Mos.FET
SST2604 SECOS-SST2604_15 Datasheet
857Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD40N03 SECOS-SSD40N03 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
SSE9973 SECOS-SSE9973 Datasheet
852Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG4424 SECOS-SSG4424 Datasheet
378Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSG9973 SECOS-SSG9973 Datasheet
342Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSM9973 SECOS-SSM9973 Datasheet
478Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
STT8205S SECOS-STT8205S Datasheet
698Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com