Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JB15LPE-B Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JB15LPE-B
Description  Low Profile Process Sealed Tactiles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JB15LPE-B Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  JB15LPE-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPE-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPE-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPE-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPE-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JB15LPE-B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Process Sealed Tactiles
Series JB
SNAP-ON CAPS
AT4060 Flat
Lens/Diffuser
Color Codes:
Material: Polycarbonate
Lens Finish: Glossy
JB
JC
JE
JF
Clear/Translucent White
Clear/Red
Clear/Yellow
Clear/Green
BB
BC
BE
BF
White/White
White/Red
White/Yellow
White/Green
White/Gray
BH
Framed:
AT4076 Button with Frame
Translucent Button/Frame
Color Codes:
Material: Polycarbonate
Button Finish: Frosted
(6.3)
.248
(12.0) Sq
.472
Transparent
Clear Lens
Translucent White or
Colored Diffuser
White Frame
Opaque White or
Colored Frame
Translucent
Clear Button
Translucent
White Filter
(6.3)
.248
(12.3) Sq
.484
TYPICAL SWITCH DIMENSIONS
Flat Snap-on Cap
Framed Snap-on Cap
JB15LPC-JC
Spring action terminals conform to .100” (2.54mm) PCB spacing
JB15HBPC-BC
Spring action terminals conform to .100” (2.54mm) PCB spacing
Short
Actuator
Extended
Actuator
Short
Actuator
Extended
Actuator
(8.5)
.335
(12.0) Sq
.472
(0.4)
.016
(11.5)
.453
(3.1)
.122
(4.2)
.165
(6.3)
.248
(7.0)
.276
(12.3) Sq
.484
(10.0)
.394
(10.0)
.394
(11.5)
.453
(3.1)
.122
(0.3) Typ
.012
(6.3)
.248
(7.3)
.287
(7.4)
.291
(0.4)
.016
(6.3)
.248
(7.0)
.276
(0.4)
.016
(11.5)
.453
(3.1)
.122
(4.2)
.165
(10.0) Sq
.394
(0.8) Typ
.031
(5.08)
.200
(6.3)
.248
(11.5)
.453
(0.3) Typ
.012
(3.1)
.122
(7.3)
.287
(7.4)
.291
(0.4)
.016
(10.0) Sq
.394
(0.8) Typ
.031
(5.08)
.200
AT4135 Flat
Cap Color Codes:
Material: Polycarbonate
Finish: Frosted
(7.3)
.287
(12.0) Sq
.472
Translucent White
Red
Yellow
Green
B
C
E
F


Similar Part No. - JB15LPE-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JB15LPE-B NKK-JB15LPE-B Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
JB15LPE-BB NKK-JB15LPE-BB Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
JB15LPE-BC NKK-JB15LPE-BC Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
JB15LPE-BE NKK-JB15LPE-BE Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
JB15LPE-BF NKK-JB15LPE-BF Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
More results

Similar Description - JB15LPE-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
   Low Profile Process Sealed Tactiles
JB15FP NKK-JB15FP Datasheet
560Kb / 8P
   Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15HLPE ETC2-JB15HLPE Datasheet
418Kb / 7P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
JB15LPC-B NKK-JB15LPC-B_10 Datasheet
178Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
logo
List of Unclassifed Man...
JB15LPC-JC ETC2-JB15LPC-JC Datasheet
481Kb / 6P
   Illuminated Low Profile Process Sealed Tactiles
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
   Ultra-Thin Process Sealed Tactiles
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
   6mm Process Sealed SMT Tactiles
JF15RP1CC NKK-JF15RP1CC Datasheet
205Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JF15RP1CC NKK-JF15RP1CC_10 Datasheet
243Kb / 6P
   Illuminated Ultra-Thin Process Sealed Tactiles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com