Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP0315AFKP2-R Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HP0315AFKP2-R
Description  6mm SMT Tactiles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HP0315AFKP2-R Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  HP0315AFKP2-R Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HP0315AFKP2-R Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HP0315AFKP2-R Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HP0315AFKP2-R Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
6mm SMT Tactiles
Series HP03
TYPICAL SWITCH ORDERING EXAMPLE
POLE & CIRCUIT
Actuator Position
( ) = Momentary
Switch Throw & Schematic
Pole
Model
Normal
Down
Note: Terminal numbers are
not actually on the switch.
SP
HP0315A
OFF
(ON)
1
2
3
4
SPST
TYPICAL SWITCH DIMENSIONS
Gull-winged
HP0315AFKP4
SPST OFF-(ON) Circuit and
Normally Open Contacts
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
HP0315AFKP4-R
Flat Black Button
Gold Contacts with
0.4VA Rating
Gull Wing Terminals
for Upright Mount
PACKAGING
S
Stick-Tube
100 Pieces/
Tube
R
Tape-Reel
1,000 Pieces/
Reel
Tape-Reel Packaging
POLE & CIRCUIT
15A
SPST
OFF
(ON)
( ) = Momentary
Normally Open Contacts
15A
P4
HP03
TERMINALS & CONTACTS
P2
Gull Wing for Upright Mount;
Silver Contacts Rated 3VA max. DC
P4
Gull Wing for Upright Mount;
Gold Contacts Rated 0.4VA max. @
28V AC/DC max.
F
K
R
ACTUATOR
F
Flat Button
ACTUATOR COLOR
K
Black
(1.4) Typ
.055
(2.2) Typ
.087
(9.0)
.354
(4.5)
.177
1
3
2
4
(0.7) Typ
.028
(4.5)
.177
1
3
2
4
(0.8)
.031
(4.4)
.173
(9.0)
.354
(0.5) Max
.020
(0.3) Typ
.012
(0.5)
.020
(3.5) Dia
.138
(6.2)
.244
(6.2)
.244


Similar Part No. - HP0315AFKP2-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HP03-15AFKP2 TAIYO-YUDEN-HP03-15AFKP2 Datasheet
610Kb / 8P
   Wireless LAN and Bluetooth Module Evaluation Board
logo
List of Unclassifed Man...
HP03M ETC2-HP03M Datasheet
188Kb / 7P
   HP03M
HP03S ETC2-HP03S Datasheet
200Kb / 7P
   Low voltage, low power consumption
More results

Similar Description - HP0315AFKP2-R

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HP0215AFKP2-S NKK-HP0215AFKP2-S Datasheet
137Kb / 4P
   6mm Tactiles
CB315FP-R NKK-CB315FP-R Datasheet
159Kb / 4P
   6mm Process Sealed SMT Tactiles
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
   TACT SWITCHES SMT - 6mm x 6mm
TL3303 E-SWITCH-TL3303 Datasheet
118Kb / 1P
   TACT SWITCHES SMT - 6mm x 6mm
logo
LUMEX INC.
SML-LXIL2324SIC-TR LUMEX-SML-LXIL2324SIC-TR Datasheet
1Mb / 3P
   6.8,5.8,29mm Narrow Beam 6mm SMT LED
logo
Nihon Kaiheiki Industry...
JF15CP1C NKK-JF15CP1C Datasheet
191Kb / 6P
   Ultra-Thin Process Sealed Tactiles
JB15LPC-B NKK-JB15LPC-B Datasheet
214Kb / 6P
   Low Profile Process Sealed Tactiles
SPJB15 NKK-SPJB15 Datasheet
250Kb / 7P
   Low Profile Process Sealed Tactiles
JL15SKSBCP2 NKK-JL15SKSBCP2 Datasheet
134Kb / 4P
   Illuminated Ultra-Thin Tactiles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com