Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ11C Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SMBJ11C
Description  600W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMBJ11C Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMBJ11C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMBJ11C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMBJ11C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMBJ11C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Any changing of specification will not be informed individual
SMBJ SERIES
VOLTAGE 5.0V ~ 170V
600W Peak Power Surface Mount TVS
SMBJ5.0(C)
5.0
6.40
7.55
10
9.6
62.5
800
BJ05
SMBJ54(C)
54
60.0
76.00
1
96.3
6.2
5
BJ54
SMBJ48(C)
48
53.3
67.50
1
85.5
7.0
5
BJ48
SMBJ43(C)
43
47.8
60.50
1
76.7
7.8
5
BJ43
SMBJ36(C)
36
40.0
50.70
1
64.3
9.3
5
BJ36
SMBJ30(C)
30
33.3
42.20
1
53.5
11.2
5
BJ30
SMBJ26(C)
26
28.9
36.60
1
46.6
12.4
5
BJ26
SMBJ22(C)
22
24.4
30.90
1
39.4
15.2
5
BJ22
SMBJ18(C)
18
20.0
25.30
1
32.2
18.6
5
BJ18
SMBJ16(C)
16
17.8
22.60
1
28.8
20.8
5
BJ16
SMBJ14(C)
14
15.6
19.80
1
25.8
23.3
5
BJ14
SMBJ12(C)
12
13.3
16.90
1
22.0
27.3
5
BJ12
SMBJ10(C)
10
11.1
14.10
1
18.8
31.9
5
BJ10
SMBJ8.5(C)
8.5
9.44
11.92
1
15.9
37.7
10
BJ8.5
SMBJ7.5(C)
7.5
8.33
10.67
1
14.3
42.0
100
BJ7.5
SMBJ6.5(C)
6.5
7.22
9.14
10
12.3
48.7
500
BJ6.5
SMBJ5.0(C)A
5.0
6.40
7.25
10
9.2
65.2
800
BJ05A
SMBJ54(C)A
54
60.0
69.00
1
87.1
6.9
5
BJ54A
SMBJ48(C)A
48
53.3
61.30
1
77.4
7.7
5
BJ48A
SMBJ43(C)A
43
47.8
54.90
1
69.4
8.6
5
BJ43A
SMBJ36(C)A
36
40.0
46.00
1
58.1
10.3
5
BJ36A
SMBJ30(C)A
30
33.3
38.30
1
48.4
12.4
5
BJ30A
SMBJ26(C)A
26
28.9
33.20
1
42.1
14.2
5
BJ26A
SMBJ22(C)A
22
24.4
28.00
1
35.5
16.9
5
BJ22A
SMBJ18(C)A
18
20.0
23.30
1
29.2
20.5
5
BJ18A
SMBJ16(C)A
16
17.8
20.50
1
26.0
23.1
5
BJ16A
SMBJ14(C)A
14
15.6
17.90
1
23.2
25.8
5
BJ14A
SMBJ12(C)A
12
13.3
15.30
1
19.9
30.2
5
BJ12A
SMBJ10(C)A
10
11.1
12.80
1
17.0
35.3
5
BJ10A
SMBJ8.5(C)A
8.5
9.44
10.82
1
14.4
41.7
10
BJ8.5A
SMBJ5.0(C)A
7.5
8.33
9.58
1
12.9
46.5
100
BJ7.5A
SMBJ6.5(C)A
6.5
7.22
8.30
10
11.2
53.6
500
BJ6.5A
SMBJ6.0(C)A
6.0
6.67
7.67
10
10.3
58.3
800
BJ06A
SMBJ58(C)A
58
64.4
74.10
1
93.6
6.4
5
BJ58A
SMBJ51(C)A
51
56.7
65.20
1
82.4
7.3
5
BJ51A
SMBJ45(C)A
45
50.0
57.50
1
72.7
8.3
5
BJ45A
SMBJ40(C)A
40
44.4
51.10
1
64.5
9.3
5
BJ40A
SMBJ33(C)A
33
36.7
42.20
1
53.3
11.3
5
BJ33A
SMBJ28(C)A
28
31.1
35.80
1
45.4
13.2
5
BJ28A
SMBJ24(C)A
24
26.7
30.70
1
38.9
15.4
5
BJ24A
SMBJ20(C)A
20
22.2
25.50
1
32.4
18.5
5
BJ20A
SMBJ17(C)A
17
18.9
21.70
1
27.6
21.7
5
BJ17A
SMBJ15(C)A
15
16.7
19.20
1
24.4
24.0
5
BJ15A
SMBJ13(C)A
13
14.4
16.50
1
21.5
27.9
5
BJ13A
SMBJ11(C)A
11
12.2
14.00
1
18.2
33.0
5
BJ11A
SMBJ9.0(C)A
9.0
10.0
11.50
1
15.4
39.0
5
BJ09A
SMBJ8.0(C)A
8.0
8.89
10.23
1
13.6
44.1
50
BJ08A
SMBJ7.0(C)A
7.0
7.78
8.95
10
12.0
50.0
200
BJ07A
SMBJ6.0(C)
6.0
6.67
8.45
10
11.4
52.6
800
BJ06
SMBJ58(C)
58
64.4
81.60
1
103
5.8
5
BJ58
SMBJ51(C)
51
56.7
71.80
1
91.1
6.6
5
BJ51
SMBJ45(C)
45
50.0
63.30
1
80.3
7.5
5
BJ45
SMBJ40(C)
40
44.4
56.30
1
71.4
8.4
5
BJ40
SMBJ33(C)
33
36.7
46.50
1
59.0
10.2
5
BJ33
SMBJ28(C)
28
31.1
39.40
1
50.0
12.0
5
BJ28
SMBJ24(C)
24
26.7
33.80
1
43.0
14.0
5
BJ24
SMBJ20(C)
20
22.2
28.10
1
35.8
16.7
5
BJ20
SMBJ17(C)
17
18.9
23.90
1
30.5
19.7
5
BJ17
SMBJ15(C)
15
16.7
21.10
1
26.9
22.3
5
BJ15
SMBJ13(C)
13
14.4
18.20
1
23.8
25.2
5
BJ13
SMBJ11(C)
11
12.2
15.40
1
20.1
29.9
5
BJ11
SMBJ9.0(C)
9.0
10.0
12.60
1
16.9
35.5
5
BJ09
SMBJ8.0(C)
8.0
8.89
11.30
1
15.0
40.0
50
BJ08
SMBJ7.0(C)
7.0
7.78
9.86
10
13.3
45.1
200
BJ07
TEST
CURRENT
IT
( m
)
A
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
REVERSE
LEAKAGE
@VRWM
IR (A)
PEAK
PULSE
CURRENT
IPP (A)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
PART NUMBER
ADD C FOR BI-
DIRECTIONAL
See Note 1
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
MARKING
CODE
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 3 of 4


Similar Part No. - SMBJ11C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ11C BYTES-SMBJ11C Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
SMBJ11C SOCAY-SMBJ11C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
EIC discrete Semiconduc...
SMBJ11C EIC-SMBJ11C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ11C SOCAY-SMBJ11C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ11C MCC-SMBJ11C Datasheet
410Kb / 5P
   Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ11C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Digitron Semiconductors
SMBJ5.0 DIGITRON-SMBJ5.0 Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com