Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB02KW01-5C-FB Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB02KW01-5C-FB
Description  Complement to HB Pushbuttons
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB02KW01-5C-FB Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB02KW01-5C-FB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB02KW01-5C-FB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to HB Pushbuttons
HB Indicators
CAP TYPES & COLORS
HOUSING
K Black
LEDS
TYPICAL INDICATOR ORDERING EXAMPLE
01
K
W01
5C
HB
Red Lens and
White Diffuser
with Red, Bright LED
Square Shape
CB
TERMINALS
W01 Silver Solder Lug
Super Bright
6B White
6F Green
6G Blue
Bright
5C Red
5D Amber
5F Green
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
HB01KW01-5C-CB
LED Cap: Lens/Diffuser Color
JB Clear/White
LED Cap: Lens/Diffuser Color
CB Red/White
DB Amber/White
FB Green/White
JB Clear/White
SHAPES
01 Square
02 Round
Black Housing
Silver Solder Lug
Terminals
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires external power source. Single element LED is colored in OFF state.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
Bright
Super Bright
Color
Red
Amber Green White Green
Blue
Unit
Forward Peak Current
I
FM
30
30
25
30
30
30
mA
Continuous Forward Current
I
F
20
20
20
20
20
20
mA
Forward Voltage
V
F
1.85
2.0
2.2
3.6
3.5
3.6
V
Reverse Peak Voltage
V
RM
5
5
5
5
5
5
V
Current Reduction Rate Above 25°C
∆I
F
0.40
0.42
0.38
0.50
0.50
0.50 mA/°C
Ambient Temperature Range
–25° ~ +50°C
–25° ~ +50°C
5C
5D
5F
6F
6G
Note for Super Bright:
Attention
Electrostatic
Sensitive Devices
(+)
(-)
6B
Bright
AT633
Super Bright
AT624G
Blue
AT629B
White
AT630F
Green
T-1 Bi-pin


Similar Part No. - HB02KW01-5C-FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB02100 ETC1-HB02100 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HB02101 ETC1-HB02101 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HB02103 ETC1-HB02103 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HB02107 ETC1-HB02107 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
HB02110 ETC1-HB02110 Datasheet
153Kb / 2P
   Breake Away Header .025(0.64mm) Square Posts
More results

Similar Description - HB02KW01-5C-FB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
KB01KW01-05 NKK-KB01KW01-05 Datasheet
162Kb / 5P
   Complement to KB Pushbuttons
LB01KW01-05-BJ NKK-LB01KW01-05-BJ Datasheet
198Kb / 5P
   Complement to LB Pushbuttons
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
YB01KW01 NKK-YB01KW01 Datasheet
199Kb / 6P
   Complement to YB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com