Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB2061PG-G-J30 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2061PG-G-J30
Description  Light Touch Miniature Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2061PG-G-J30 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2061PG-G-J30 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2061PG-G-J30 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2061PG-G-J30 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2061PG-G-J30 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2061PG-G-J30 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2061PG-G-J30 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. EB2061PG-G-J30 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. EB2061PG-G-J30 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. EB2061PG-G-J30 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Light Touch Miniature Pushbuttons
Series EB
CAP EXTENSIONS & BEZEL TYPES
Cap
Extension
without
Bezel
Low Rise
Momentary
Cap
Extension
with
Bezel
J20
J40
J50
CAP COLORS
Factory Assembled on the Switch:
Square snap-on cap AT465, snap-in mounter
AT529, and optional bezels which follow.
A
B
C
E
F
G
H
Black
White
Red
Yellow
Green
Blue
Gray
J30
Low Rise
Alternate
High Rise
Momentary
High Rise
Alternate
(11.0)
.433
(4.5)
.177
(2.8)
.110
(2.2)
.087
(11.0)
.433
(4.5)
.177
(2.8)
.110
(3.3)
.130
(11.0)
.433
(3.4)
.134
(2.8)
.110
(3.3)
.130
(11.0)
.433
(3.4)
.134
(2.8)
.110
(4.4)
.173
(15.0)
.591
(12.5)
.492
3
2
1
COM
(2.0) Typ
.079
(7.0)
.276
(11.0)
.433
(14.0)
.551
(11.5) Sq
.453
(18.0)
.709
(1.1) x (2.0) Typ
.043 x .079
(0.7) Typ
.028
(3.9) Typ
.154
(4.0) Typ
.157
(0.5)
.020
(4.5)
.177
(3.4)
.134
(2.8)
.110
(11.0)
.433
(18.0)
.709
(3.3)
.130
For Momentary Devices
Part No.
(12.2)
.480
Low Rise
Momentary
J21
J41
J51
J31
Low Rise
Alternate
High Rise
Momentary
High Rise
Alternate
(10.0)
.394
(4.5)
.177
(2.8)
.110
(2.2)
.087
(1.0)
.039
(10.0)
.394
(4.5)
.177
(2.8)
.110
(2.2)
.087
(2.1)
.083
(10.0)
.394
(3.4)
.134
(2.8)
.110
(2.2)
.087
(2.1)
.083
(10.0)
.394
(3.4)
.134
(2.8)
.110
(2.2)
.087
(3.2)
.126
EB2061-B-J21A
Low Rise
Double Pole
Maximum Panel Thickness
.039” ~ .126” (1.0mm ~ 3.2mm)
Cutout applies to SP & DP
EB2011-A-J40
High Rise
Single Pole
A
B
C
E
F
G
H
Black
White
Red
Yellow
Green
Blue
Gray
AT207 Bezel
without LED
(15.0)
.591
(12.5)
.492
Material:
Polycarbonate
Finish:
Glossy
(11.8)
.465
(21.5)
.846
(12.0)
.472
(15.6)
.614
(2.2)
.087
(15.6)
.614
Part No.
(10.0)
.394
(11.5) Sq
.453
(21.5)
.846
(1.1) x (2.0) Typ
.043 x .079
(0.7) Typ
.028
(3.9) Typ
.154
(4.0) Typ
.157
(0.5)
.020
(4.5)
.177
(4.5)
.177
(2.8)
.110
(18.0)
.709
(1.0)
.039
For Momentary Devices
(2.2)
.087
(2.0) Typ
.079
3
2
1
(4.7)
.185
(11.0)
.433
(14.0)
.551
6
5
4
COM
Maximum Panel Thickness
.039” ~ .157” (1.0mm ~ 4.0mm)
Cutout applies to SP & DP


Similar Part No. - EB2061PG-G-J30

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
EB2061PG-BA NKK-EB2061PG-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061PG-BB NKK-EB2061PG-BB Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061PG-BC NKK-EB2061PG-BC Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061PG-BE NKK-EB2061PG-BE Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2061PG-BF NKK-EB2061PG-BF Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
More results

Similar Description - EB2061PG-G-J30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-BA NKK-EB2011-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com