Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB15SKW01-5C-CB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # HB15SKW01-5C-CB
Description  Subminiature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

HB15SKW01-5C-CB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  HB15SKW01-5C-CB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5C-CB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5C-CB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5C-CB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5C-CB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. HB15SKW01-5C-CB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Subminiature Pushbuttons
Series HB
HOUSING
K Black only
SHAPES
S Square
C Round
POLE
1
SPDT
LEDS
TYPICAL SWITCH ORDERING EXAMPLE
1
S
K
W01
6G
HB
White Cap
Square Shape
Black Housing
Silver Contacts and Solder Lug Terminals;
rated 0.1A @ 30V AC/DC
Blue, Super Bright LED
SPDT ON-(ON) Circuit
JB
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
CONTACTS & TERMINALS
W01
Silver Contacts and
Solder Lug Terminals
0.1A @ 30V AC/DC
Super Bright
6B White
6F Green
6G Blue
Bright
5C
Red
5D
Amber
5F
Green
5
IMPORTANT:
Switches are supplied without UL
& C-UL markings unless specified.
Specific models & ratings noted on
General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
HB15SKW01-6G-JB
LED Cap: Lens/Diffuser Color
JB Clear/White
LED Cap: Lens/Diffuser Color
AB Black Cap/White Window for
Spot Illuminaterd (Square only)
CB Red/White
DB Amber/White
FB Green/White
JB Clear/White
CAP TYPES & COLORS


Similar Part No. - HB15SKW01-5C-CB

ManufacturerPart #DatasheetDescription
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
logo
Nihon Kaiheiki Industry...
HB15SKW01-5C-CB NKK-HB15SKW01-5C-CB Datasheet
163Kb / 6P
   Subminiature Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-5C-CB ETC2-HB15SKW01-5C-CB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-5C-CB NKK-HB15SKW01-5C-CB Datasheet
177Kb / 6P
   General Specifications
More results

Similar Description - HB15SKW01-5C-CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB_10 Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com