Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2022-BC Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # E2022-BC
Description  Light Duty Miniature Toggles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

E2022-BC Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  E2022-BC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. E2022-BC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. E2022-BC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. E2022-BC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. E2022-BC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. E2022-BC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Light Duty Miniature Toggles
Series E
2-06
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
COLORS
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
OPTIONAL CAPS
B
Bat Lever Cap
C
Bat Lever Conical Cap
POLES
1
SPST
SPDT
2
DPST
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
2
C
E20
DPDT
ON-NONE-ON Circuit
Silver Contacts & Straight PC
Terminals with 3-Amp Rating
CIRCUITS
1
ON
NONE
OFF
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
( ) = Momentary
CONTACTS, RATINGS, & TERMINALS
No
Code
Silver Contacts; Solder Lug Terminals;
3A @ 125V AC
G
Gold Contacts; Solder Lug Terminals
0.4VA max @ 28V AC/DC max
P
Silver Contacts; Straight PC Terminals;
3A @ 125V AC
PG
Gold Contacts; Straight PC Terminals
0.4VA max @ 28V AC/DC max
2
IMPORTANT:
Switches are supplied without UL
& CSA marking unless specified.
Specific models & ratings noted
on General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
E2022P-CG
P
G
Blue Bat Lever Conical Cap


Similar Part No. - E2022-BC

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E2022S GENERAL-E2022S Datasheet
73Kb / 1P
   2C 20 7/28 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
More results

Similar Description - E2022-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
35-3170 ETC2-35-3170 Datasheet
3Mb / 4P
   HEAVY DUTY TOGGLES
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com