Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


G01PF Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part No. G01PF
Description  Complement to G Switches
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Homepage  http://www.nkkswitches.com
Logo 

   
 1 page
background image
Complement to G Switches
G Indicators
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
TYPICAL INDICATOR ORDERING EXAMPLE
DESCRIPTION FOR TYPICAL
ORDERING EXAMPLE
G01PC
LED COLORS
C
Red
E
Yellow
F
Green
P
C
PC TERMINALS
P
Straight
V
Vertical
G01
Straight PC Terminals
Red LED
LED COLORS & SPECIFICATIONS
LED is colored in OFF state
Color
Red
Yellow
Green
Forward Peak Current
I
FM
30mA
30mA
30mA
Continuous Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
2.0V
2.0V
2.1V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.40mA/°C
0.40mA/°C
0.40mA/°C
Ambient Temperature Range
–25°C ~ +85°C
Electrical specifications are determined at a basic temperature of 25°C.
If the source voltage is greater than the LED’s rated voltage, a ballast resistor must be connected in series with the LED.
That ballast resistor value can be calculated by using the formula shown in the Supplement section.
E
F
C
G01VC
These indicators have anode and cathode terminals along with 2 support pins.
TYPICAL INDICATOR DIMENSIONS
Straight PC
Vertical PC
G01PC
(7.0)
.276
(1.27) Typ
.050
LED + Mark
(4.0) Dia
.157
(3.0) Dia
.118
(0.5) Sq Typ
.020
(1.6)
.063
(2.0)
.079
(7.0)
.276
(20.0) Min
.787
Slot
(4.5)
.177
(0.8) Dia Typ
.031
(2.54)
.100
Slot
(5.3)
.209
(2.54)
.100
(4.0) Dia
.157
(3.0) Dia
.118
(1.6)
.063
(2.0)
.079
(7.68)
.302
(5.08)
.200
(2.6)
.102
(0.4) Dia Typ
.016
(7.4)
.292
(15.5) Min
.610
LED + Mark
(0.4)
.016
(4.5)
.177
(0.5) Sq Typ
.020
(1.27) Typ
.050
(0.8) Dia Typ
.031
(2.54)
.100
(5.08)
.200




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A01PCComplement to A Switches 1 2 Nihon Kaiheiki Industry Co. Ltd.
OPB930LPhotologic Slotted Optical Switches 1 2 3 4 OPTEK Technologies
DG309BImproved Quad CMOS Analog Switches 1 2 3 4 5 MoreVishay Siliconix
A3245_06Chopper-Stabilized Omnipolar Hall-Effect Switches 1 2 3 4 5 MoreAllegro MicroSystems
HI-5042_05CMOS Analog Switches 1 2 3 4 5 MoreIntersil Corporation
ISL43143_05Low-Voltage Single and Dual Supply Quad SPST High Performance Analog Switches 1 2 3 4 5 MoreIntersil Corporation
TPS2020-Q1POWER-DISTRIBUTION SWITCHES 1 2 3 4 5 MoreTexas Instruments
MAX86433A 2MHz Step-Down Regulator with Integrated Switches 1 2 3 4 5 MoreMaxim Integrated Products
MAX301_07Precision Dual High-Speed Analog Switches 1 2 3 4 5 MoreMaxim Integrated Products
OPB827_06SLOTTED OPTICAL SWITCHES 1 2 3 4 5 OPTEK Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl