Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I1524RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # I1524RW
Description  Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

I1524RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  I1524RW Datasheet HTML 1Page - MicroPower Direct, LLC I1524RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” on the top of the unit
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
I1501RW
12
9.0 - 18.0
1,470
30
3.3
3,500
350
85
1,600
3,000
I1502RW
12
9.0 - 18.0
1,404
30
5.0
3,000
300
89
1,600
3,000
I1503RW
12
9.0 - 18.0
1,420
30
12.0
1,250
125
88
470
3,000
I1504RW
12
9.0 - 18.0
1,420
30
15.0
1,000
100
88
330
3,000
I1511RW
24
18.0 - 36.0
727
20
3.3
3,500
350
86
1,600
1,500
I1512RW
24
18.0 - 36.0
702
20
5.0
3,000
300
89
1,600
1,500
I1513RW
24
18.0 - 36.0
702
20
12.0
1,250
125
89
470
1,500
I1514RW
24
18.0 - 36.0
702
20
15.0
1,000
100
89
330
1,500
I1521RW
48
36.0 - 75.0
372
10
3.3
3,500
350
84
1,600
750
I1522RW
48
36.0 - 75.0
355
10
5.0
3,000
300
88
1,600
750
I1523RW
48
36.0 - 75.0
355
10
12.0
1,250
125
88
470
750
I1524RW
48
36.0 - 75.0
355
10
15.0
1,000
100
88
330
750
Pin
Function
1+Vin
2-Vin
3
Control (Optional)
4
+Vout
5
No Pin
6
-Vout
Derating Curve
Notes:
1. When measuring output ripple, it is recommended that an external
ceramic capacitor (approx 0.1 µF) be placed from the +Vout pin to
the -Vout pin.
2. Unit recovers automatically from an over power condition once the
fault is removed.
3. It is recommended that the units not be operated with a load under
10% of full load. Operation at no-load
will not damage the unit, but they may not meet all specifications.
4. It is recommended that a fuse be used on the input of a power supply
for protection. See the Model Selection table above for the correct
rating.
www.micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - I1524RW

ManufacturerPart #DatasheetDescription
logo
SICK AG
I15-EM0123 SICK-I15-EM0123 Datasheet
315Kb / 6P
   SAFETY LOCKING DEVICES
I15-EM0133 SICK-I15-EM0133 Datasheet
315Kb / 6P
   SAFETY LOCKING DEVICES
I15-EP0123 SICK-I15-EP0123 Datasheet
315Kb / 6P
   SAFETY LOCKING DEVICES
I15-EP0133 SICK-I15-EP0133 Datasheet
315Kb / 6P
   SAFETY LOCKING DEVICES
I15-MM0123 SICK-I15-MM0123 Datasheet
315Kb / 6P
   SAFETY LOCKING DEVICES
More results

Similar Description - I1524RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
I2000RW MPD-I2000RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
   Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MR1511S MPD-MR1511S Datasheet
859Kb / 4P
   Ultra-Wide Input, 15W Compact, Railway DC/DC Converters
MH600RU MPD-MH600RU Datasheet
417Kb / 2P
   Wide 4:1 Input Ultra-Miniature, 6W DC/DC Converters
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MH200RW MPD-MH200RW Datasheet
400Kb / 2P
   Wide Input, 2W Ultra-Miniature DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
   Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
MH300RW MPD-MH300RW Datasheet
403Kb / 2P
   Wide Input, 3W Ultra-Miniature DC/DC Converters
logo
Total Power Internation...
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com