Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM4005MH Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM4005MH
Description  1.0 Amp Surface Mount General Purpose Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM4005MH Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM4005MH Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM4005MH Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM4001MH~SM4007MH
50 ~ 1000 V
1.0 Amp Surface Mount General Purpose Rectifiers
01-December-2008 Rev. A
Page 1 of 2
E
E
F
B
C
D
A
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application
in order to optimize board space.
Small plastic SMD package.
High surge and high current capability.
Fast switching for high efficiency.
Glass-passivated chip junction.
PACKAGING INFORMATION
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.01100 g (Approximately)
MARKING CODE
Part Number
Marking Code
Part Number
Marking Code
SM4001MH
A1
SM4005MH
A5
SM4002MH
A2
SM4006MH
A6
SM4003MH
A3
SM4007MH
A7
SM4004MH
A4
MAXIMUM RATINGS (Ta = 25°C unless otherwise specified.)
PART NUMBERS
PARAMETERS
SYMBOL
SM
4001
MH
SM
4002
MH
SM
4003
MH
SM
4004
MH
SM
4005
MH
SM
4006
MH
SM
4007
MH
UNITS
TESTING
CONDITIONS
Recurrent Peak
Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
Reverse Voltage (Max.)
VR
50
100
200
400
600
800
1000
V
Forward Voltage (Max.)
VF
1.10
V
IF = 1 A
Average Forward
Rectified Current (Max.)
IO
1.0
A
See Fig.1
Peak Forward Surge Current
IFSM
25
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
5.0
VR=VRRM, Ta=25°C
DC Reverse Current at
Rated DC Blocking Voltage (Max.)
IR
50
μA
VR=VRRM, Ta=125°C
Junction – Ambient
Thermal Resistance (Typ.)
RθJA
60
°C/W
Junction Capacitance (Typ.)
CJ
15
pF
f=1MHz and applied
4V DC reverse voltage
Storage and Operating
Temperature Range
TSTG, TJ
-65 ~ 175, -55 to 150
°C
SOD-123MH
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
3.10 (MAX.)
B
1.40
1.80
E
0.80 (TYP.)
C
0.60
1.00
F
0.30 (TYP.)


Similar Part No. - SM4005MH

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM4005M UNIOHM-SM4005M Datasheet
64Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4005M SECOS-SM4005M Datasheet
57Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
More results

Similar Description - SM4005MH

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM4001M SECOS-SM4001M_15 Datasheet
63Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
SM4001MH SECOS-SM4001MH_15 Datasheet
160Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
SM4001M SECOS-SM4001M Datasheet
57Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
logo
Chongqing Pingwei Enter...
S07ASA CHONGQING-S07ASA_16 Datasheet
180Kb / 1P
   1.0 AMP. SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
Nanjing International G...
M1F DGNJDZ-M1F Datasheet
183Kb / 2P
   1.0 AMP SURFACE MOUNT GENERAL RECTIFIERS
M1F-M7F DGNJDZ-M1F-M7F Datasheet
157Kb / 2P
   1.0 AMP SURFACE MOUNT GENERAL RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AL TSC-S1AL Datasheet
49Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
   1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AB TSC-S1AB_10 Datasheet
509Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
S1AL TSC-S1AL_1 Datasheet
375Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com