Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G237I Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G237I
Description  Compact MiniDIP, 2W High Isolation DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G237I Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G237I Datasheet HTML 1Page - MicroPower Direct, LLC G237I Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes: All dimensions are typical in inches (mm)
Tolerance x.xx = !0.01 (!0.25)
Pin 1 is marked by a “dot” or indentation on the top of the unit
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
G201I
5
4.5 - 5.5
452
35
3.3
500.0
10.0
11
73
1,000
G202I
5
4.5 - 5.5
526
35
5.0
400.0
8.0
11
76
1,000
G203I
5
4.5 - 5.5
495
35
12.0
165.0
3.0
7
80
1,000
G204I
5
4.5 - 5.5
499
35
15.0
133.0
2.5
7
80
1,000
G205I
5
4.5 - 5.5
519
35
!5.0
!200.0
!4.0
10
77
1,000
G206I
5
4.5 - 5.5
504
35
!12.0
!83.0
!1.5
7
79
1,000
G207I
5
4.5 - 5.5
501
35
!15.0
!66.0
!1.0
7
79
1,000
G211I
12
10.8 - 13.2
185
25
3.3
500.0
10.0
8
74
500
G212I
12
10.8 - 13.2
212
25
5.0
400.0
8.0
8
78
500
G213I
12
10.8 - 13.2
200
25
12.0
165.0
3.0
5
82
500
G214I
12
10.8 - 13.2
200
25
15.0
133.0
2.5
5
83
500
G215I
12
10.8 - 13.2
222
25
!5.0
!200.0
!4.0
875
500
G216I
12
10.8 - 13.2
201
25
!12.0
!83.0
!1.5
582
500
G217I
12
10.8 - 13.2
200
25
!15.0
!66.0
!1.0
582
500
G221I
24
21.6 - 26.4
92
10
3.3
500.0
10.0
8
74
200
G222I
24
21.6 - 26.4
108
10
5.0
400.0
8.0
8
77
200
G223I
24
21.6 - 26.4
101
10
12.0
165.0
3.0
5
81
200
G224I
24
21.6 - 26.4
101
10
15.0
133.0
2.5
5
82
200
G225I
24
21.6 - 26.4
111
10
!5.0
!200.0
!4.0
875
200
G226I
24
21.6 - 26.4
102
10
!12.0
!83.0
!1.5
581
200
G227I
24
21.6 - 26.4
100
10
!15.0
!66.0
!1.0
582
200
G231I
48
43.2 - 54.8
28
6
3.3
500.0
10.0
8
74
100
G232I
48
43.2 - 54.8
27
6
5.0
400.0
8.0
8
77
100
G233I
48
43.2 - 54.8
26
6
12.0
165.0
3.0
5
81
100
G234I
48
43.2 - 54.8
25
6
15.0
133.0
2.5
5
82
100
G235I
48
43.2 - 54.8
28
6
!5.0
!200.0
!4.0
875
100
G236I
48
43.2 - 54.8
26
6
!12.0
!83.0
!1.5
581
100
G237I
48
43.2 - 54.8
25
6
!15.0
!66.0
!1.0
582
100
232 Tosca Drive, Stoughton, MA 02072
www.micropowerdirect.com
sales@micropowerdirect.com
phone: (781) 344 - 8226 * fax: (781) 344 - 8481
Mechanical Dimensions
MicroPower
Direct
Pin
Single
Dual
1
-Vin
-Vin
7NC
NC
8
+Vout
+Vout
9
No Pin
Common
10
-Vout
-Vout
14
+Vin
+Vin
NC = No Connection
Pin Connections
Single Output
µF Max
Dual Output
µF Max
470
!390
Capacitive Load
Model Selection Guide
Notes:
1. Dual output units may be connected to provide a 10V,
24V or 30 VDC output. To do this, connect the load
across the positive (+Vout) and negative (-Vout)
outputs and float the output common.
2. These units do not require external components to
operate, but the use of an input capacitor (10 µF) may
enhance performance in some applications. An output
capacitor (4.7 µF to 10 µF) may be used to reduce
ripple.
Derating Curve
Ambient Temperature 1C
85
-40
-20
0
5
15
25
35
45
55
65
75
95
105
0
20
40
60
80
100
0.80 (20.32)
10
9
1
14
0.10
(2.54)
0.60 (15.24)
0.10
(2.5)
0.01
(0.25)
0.01
(0.25)
0.40
(10.2)
0.12
(3.05)
0.05
(1.25)
Bottom
Side
7
8
Note: “T” = 0.27 (6.85) For 5, 12 & 24 VDC Input Models
0.30 (7.50) For 48 VDC Input Models
“T”


Similar Part No. - G237I

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G237 MPD-G237 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G237RW MPD-G237RW Datasheet
164Kb / 2P
   Compact MiniDIP, 2W Wide Input Range DC/DC Converters
More results

Similar Description - G237I

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
   Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
G200EI MPD-G200EI Datasheet
204Kb / 2P
   High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
   Low Cost, 2W Compact MiniDIP DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
   Medical Approved Compact MiniDIP, 2W DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
   Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
   Compact MiniDIP, 2W Wide Input Range DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
   Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200I MPD-D200I Datasheet
197Kb / 2P
   High Isolation Miniature, 2W SIP DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com