Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB2011-B-J30 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # EB2011-B-J30
Description  Light Touch Miniature Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

EB2011-B-J30 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  EB2011-B-J30 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-B-J30 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-B-J30 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-B-J30 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-B-J30 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-B-J30 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-B-J30 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-B-J30 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. EB2011-B-J30 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Light Touch Miniature Pushbuttons
Series EB
General Specifications
Electrical Capacity (Resistive Load)
Power Level (No code or P):
3A @ 125V AC for silver contacts
Logic Level (code G or PG):
0.4VA maximum @ 28V AC/DC maximum for gold contacts
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts and case for 1 minute minimum
Mechanical Life:
100,000 operations minimum
Electrical Life:
25,000 operations minimum for silver;
50,000 operations minimum for gold
Nominal Operating Force:
Single Pole: 2.35N for Momentary and 2.65N for Alternate Action
Double Pole: 2.94N for Momentary and 3.63N for Alternate Action
Travel:
Momentary: Pretravel .047” (1.2mm); Overtravel .016” (0.4mm); Total Travel .063” (1.6mm)
Alternate: Pretravel .071” (1.8mm); Overtravel .016” (0.4mm); Total Travel .087” (2.2mm)
Materials & Finishes
Plunger:
Brass with chrome plating for Momentary; brass with nickel plating for Alternate
Bushing:
Brass with nickel plating
Frame:
Stainless steel
Case:
Melamine phenolic resin (UL94V-0)
Movable Contacts:
Copper with silver or gold plating
Stationary Contacts:
Silver with silver or gold plating
Terminals:
Copper with silver or gold plating
Environmental Data
Operating Temp Range:
–10°C through +70°C (+14°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range and returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
1.47Nm (13.0 lbin) for double nut; 0.68Nm (6.0 lbin) for single nut
Cap Installation Force:
78.5N (17.65 lbf) maximum downward force on actuator
Soldering Time & Temp:
Wave Solder (Straight PC): See Profile B in Supplement section.
Manual Soldering: See Profile B in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 case
UL Recognized:
All single and double pole models recognized at 3A @ 125V AC; UL File No. WOYR2.E44145;
add “/U” to end of part number to order UL mark on switch.
C-UL Recognized:
All single and double pole models recognized at 3A @ 125V AC; UL File No. WOYR8.E44145;
add “/C-UL” to end of part number to order C-UL mark on switch.
CSA Certified:
Single pole solder lug and PC models certified at 3A @ 125V AC; double pole PC models certified
at 3A @ 125V AC; CSA File No. 023535-0-000;
add “/C” to end of part number to order CSA mark on switch.
R


Similar Part No. - EB2011-B-J30

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
EB2011-BA NKK-EB2011-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2011-BB NKK-EB2011-BB Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2011-BC NKK-EB2011-BC Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2011-BE NKK-EB2011-BE Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
EB2011-BF NKK-EB2011-BF Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
More results

Similar Description - EB2011-B-J30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
EB2011-BA NKK-EB2011-BA Datasheet
171Kb / 6P
   Light Touch Miniature Pushbuttons
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com