Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC7001 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54HC7001
Description  QUADRUPLE POSITIVE-AND GATES WITH SCHMITT-TRIGGER INPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC7001 Datasheet(HTML) 3 Page - Texas Instruments

  SN54HC7001 Datasheet HTML 1Page - Texas Instruments SN54HC7001 Datasheet HTML 2Page - Texas Instruments SN54HC7001 Datasheet HTML 3Page - Texas Instruments SN54HC7001 Datasheet HTML 4Page - Texas Instruments SN54HC7001 Datasheet HTML 5Page - Texas Instruments SN54HC7001 Datasheet HTML 6Page - Texas Instruments SN54HC7001 Datasheet HTML 7Page - Texas Instruments SN54HC7001 Datasheet HTML 8Page - Texas Instruments SN54HC7001 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN54HC7001, SN74HC7001
QUADRUPLE POSITIVEAND GATES
WITH SCHMITT TRIGGER INPUTS
SCLS035E − MARCH 1984 − REVISED NOVEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC7001
SN74HC7001
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
0.7
1.2
1.5
0.7
1.5
0.7
1.5
VT+
4.5 V
1.55
2.5
3.15
1.55
3.15
1.55
3.15
V
VT+
6 V
2.1
3.3
4.2
2.1
4.2
2.1
4.2
V
2 V
0.3
0.6
1
0.3
1
0.3
1
VT−
4.5 V
0.9
1.6
2.45
0.9
2.45
0.9
2.45
V
VT−
6 V
1.2
2
3.2
1.2
3.2
1.2
3.2
V
2 V
0.2
0.6
1.2
0.2
1.2
0.2
1.2
V
VT+ − VT−
4.5 V
0.4
0.9
2.1
0.4
2.1
0.4
2.1
V
VT+ − VT−
6 V
0.5
1.3
2.5
0.5
2.5
0.5
2.5
V
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC7001
SN74HC7001
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
60
130
195
163
tpd
A or B
Y
4.5 V
18
26
39
33
ns
tpd
A or B
Y
6 V
14
22
33
28
ns
2 V
28
75
110
95
tt
Any
4.5 V
8
15
22
19
ns
tt
Any
6 V
6
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
No load
20
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54HC7001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC7001 TI1-SN54HC7001 Datasheet
605Kb / 12P
[Old version datasheet]   QUADRUPLE POSITIVE-AND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC7001 TI1-SN54HC7001_14 Datasheet
605Kb / 12P
[Old version datasheet]   QUADRUPLE POSITIVE-AND GATES WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN54HC7001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC7001 TI1-SN54HC7001_14 Datasheet
605Kb / 12P
[Old version datasheet]   QUADRUPLE POSITIVE-AND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC7002 TI-SN54HC7002_06 Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com