Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB11BB-HB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # AB11BB-HB
Description  Process Sealed Subminiature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

AB11BB-HB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  AB11BB-HB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. AB11BB-HB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. AB11BB-HB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. AB11BB-HB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. AB11BB-HB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. AB11BB-HB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Pushbuttons
Series AB
POLES
1
SPST
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
Black .295” (7.5mm) Diameter Cap
DPDT
ON-(ON) Circuit
.213” (5.4mm) Long White Plunger
Straight PC Terminals
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
AB25AP-HA
CAP COLORS
A
Black
B
White
C
Red
PC TERMINALS
P
Straight
B
Straight with Bracket
B1
Straight with Inline Bracket (SP only)
H
Right Angle with Bracket
V
Vertical with Bracket
V1
Vertical with Inline Bracket (SP only)
CIRCUITS
1
OFF
(ON)
5
ON
(ON)
( ) = Momentary
CAPS
F
.201” (5.1mm) Diameter
H
.295” (7.5mm) Diameter
2
AB
A
5
P
H
A
PLUNGERS
A
.213” (5.4mm) Long
*B
.183” (4.65mm) Long
*C
.080” (2.03mm) Long
(cannot be used with cap)
* Available in single pole only


Similar Part No. - AB11BB-HB

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
AB110S CITC-AB110S Datasheet
94Kb / 3P
   1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Microdiode Electronics ...
AB110S CHENDA-AB110S Datasheet
676Kb / 2P
   4 0 to 200 Volts Current - 1.0 Ampere
AB110S CHENDA-AB110S Datasheet
751Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
AB110S CHENDA-AB110S Datasheet
455Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Chip Integration Techno...
AB110S-A CITC-AB110S-A Datasheet
590Kb / 4P
   Single Phase 0.8AMP Surface Mount Glass Passivated Bridge Rectifiers
More results

Similar Description - AB11BB-HB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
   Process Sealed Subminiature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com