Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3B25AB-YB Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # G3B25AB-YB
Description  Ultra-Miniature Process Sealed SMT Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

G3B25AB-YB Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  G3B25AB-YB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. G3B25AB-YB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. G3B25AB-YB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. G3B25AB-YB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. G3B25AB-YB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. G3B25AB-YB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Ultra-Miniature Process Sealed SMT Pushbuttons
Series G3B
PACKAGING
Pad Layouts for
Upright Mounting
Upright Mounting with Bracket
Right Angle Mounting
Surface Mount
Terminals
Single Pole
Double Throw
Double Pole
Double Throw
(1.7) Typ
.067
(0.635)
.025
(0.7) Typ
.028
4
5
6
(2.54) Typ
.100
(6.0)
.236
Support
Pads
(5.08)
.200
(1.7) Typ
.067
(0.635) Typ
.025
(0.7) Typ
.028
4
5
6
(2.54) Typ
.100
(6.0)
.236
1
2
3
(1.7) Typ
.067
(3.8)
.150
(1.1) Typ
.043
(1.55) Typ
.061
(0.635) Typ
.025
(0.7) Typ
.028
4
5
6
(2.54) Typ
.100
(9.75)
.384
(6.0)
.236
1
2
3
(1.7) Typ
.067
(3.8)
.150
(1.1) Typ
.043
(1.55) Typ
.061
(0.635)
.025
(0.7) Typ
.028
4
5
6
(2.54) Typ
.100
Support
Pads
(9.75)
.384
(5.08)
.200
(6.0)
.236
(1.1) Typ
.043
(3.8)
.150
(1.7) Typ
.067
(1.27) Typ
.050
(0.635) Typ
.025
(0.7) Typ
.028
(1.55) Typ
.061
(3.0)
.118
(9.75)
.384
1
4
2
5
3
6
(1.1) Typ
.043
(3.8)
.150
(1.7) Typ
.067
(2.54) Typ
.100
(0.635)
.025
(0.7) Typ
.028
(1.55) Typ
.061
(3.0)
.118
(9.75)
.384
4
5
6
Partitioned Tray
for Upright & Right Angle
Any quantity
If the G3 upright models are ordered in less than
50-piece increments or the right angle models in
less than 500-piece increments, the switches are
packaged in a partitioned tray.
No code is required.
No
Code
R
Tape-Reel
for Right Angle
500 pieces per reel
Switches must be ordered in 500-piece increments
when tape-reel packaging is selected.
This packaging meets EIA-481-2 Standard for “16mm
and 24mm Embossed Carrier Taping of Surface Mount
Components for Automatic Handling.”


Similar Part No. - G3B25AB-YB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3B25AB-R-XA ETC2-G3B25AB-R-XA Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
G3B25AB-R-XB ETC2-G3B25AB-R-XB Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
G3B25AB-R-XC ETC2-G3B25AB-R-XC Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
G3B25AB-R-YA ETC2-G3B25AB-R-YA Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
G3B25AB-R-YB ETC2-G3B25AB-R-YB Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
More results

Similar Description - G3B25AB-YB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
   Ultra-Miniature Process Sealed SMT Toggles
logo
List of Unclassifed Man...
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
   Process Sealed Ultra-Miniature SMT Toggles
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com